Electronic Components Datasheet Search
  English  ▼

X  

30V Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30V
Description  Smaller size saves board space and cost
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30V Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  30V Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 30V Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 30V Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
术语说明
术语说明
术语说明
术语说明
IH=HOLD CURRENT: MAXIMUM CURRENT AT WHICH THE DEVICE WILL NOT TRIP AT 25℃ STILL AIR.
IH:保持电流―――25℃静态空气环境中PPTC不工作的最高电流
IT=TRIP CURRENT: MINIMUM CURRENT AT WHICH THE DEVICE WILL ALWAYS TRIP AT 25℃ STILL AIR.
IT:触发电流―――25℃空气环境中PPTC动作所需的最小电流
TTRIP=MAXIMUM TIME TO TRIP(S) AT ASSIGNED CURRENT.
TTRIP:动作时间――-25℃空气环境5倍IH时最大动作时间
VMAX=MAXIMUM VOLTAGE DEVICE CAN WITHSTAND WITHOUT DAMAGE AT RATED CURRENT.
VMAX:最大工作电压―――PPTC的最大工作电压
IMAX=MAXIMUM FAULT CURRENT DEVICE CAN WITHSTAND WITHOUT DAMAGE AT RATED VOLTAGE.
IMAX:PPTC最大承受电流
RMIN=MINIMUM DEVICE RESISTANCE AT 25℃ PRIOR TO TRIPPING.
RMIN:最小电阻―――25℃环境温度下PPTC最小零功率阻值
RMAX=MAXIMUM DEVICE RESISTANCE AT 25℃ PRIOR TO TRIPPING.
RMAX:最大电阻―――25℃环境温度下 PPTC 最大零功率阻值
F. Thermal Derating Chart (A)
G. Test Procedures and Requirements
测试条件
测试条件
测试条件
测试条件
Test 测试项目
Test Conditions 测试条件
Accept/Reject Criteria判定标准
Resistance
In still air @ 25℃
Rmin≤R≤R1max
Time to Trip
Vmax, 25℃
, In still air @ 25℃
T≤max. time to trip(seconds)
Hold Current
30 min. at IH
, In still air @ 25℃
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
, In still air
@ 25℃
No arcing or burning
Trip Endurance
Vmax, 1 hours
, In still air @ 25℃
No arcing or burning
Series
30V
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com