Electronic Components Datasheet Search
  English  ▼

X  

4D-9 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 4D-9
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

4D-9 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  4D-9 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1、产品特点 Feature of Power Thermistor
1.1
应用范围
Appliaction
○转换电源,开关电源,UPS 电源 ○Switching power-supply,switch power,ups power
○镇流器及各类加热器
○Electronic energy saving lamps electronic ballast and all
kinds of electric heater
○各类显像管,显示器
○All kinds of RT,display
○电子节能灯,其他照明灯具
○Bulb and other lighting lamps
1.2 特点
Characteristic
○体积小,功率大,抑制浪涌电流能力强
○Small size,large power,strong capacity of
suppression of inrush current
○反应速度快
○Fast resporse
○材料常数(B 值)大,残余电阻小
○Big material constant(B value),small
residual resistance
○寿命长,可靠性高
○Long life and high reliability
○系列全,应用范围宽
○Complete series,wide applications
2、产品代码 PART NUMBER
NTC
□
D
□□
M
□
□
NTC 功率型热敏电阻
NTC THERMISTOR
包装方式
/导线长度
Packing Fom/Lead length
额定功率阻值Ω
B:或空白:散装 B or blank:Bulk
Rated power Resistance
C:切短脚散装 Cuting Bulk
T:编带包装 Taping
产品形状
Shape
D 圆片形 Disk
阻值偏差
Tol
M: ±20%
K: ±10% 产品外型 Produt Shape
产品直径
mm
S 型:(空白=S)型:直脚
I 型:内弯脚 In type
O 型:外弯脚 Out type
Rev 2.0 :
www.leiditech.com
12.01.2019
2/24
10D-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com