Electronic Components Datasheet Search
  English  ▼

X  

4D-9 Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 4D-9
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

4D-9 Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 4D-9 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 4D-9 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
应无击穿或飞弧。
High voltage terminal: thermistor connected as an electrode, metal foil as another
electrode in two electrode applied between a frequency of 40Hz-60Hz, AC voltage and
insulation voltage of 1.4 times the provisions (AC500V) for the duration of the peak voltage,
60s + 5S, the rate of voltage should be similar to the 100V / s thermistor applied gradually,
there should be no breakdown or arcing.
⑨ B 值(K)(
B Value)
:
2950±10%
用以下公式表示指数:Using the following formula
B =【( Ta × Tb )/( Tb– Ta )】 × In( Ra / Rb )
或者
B = 2.303 ×【( Ta × Tb )/( Tb – Ta )】×log( Ra / Rb )
公式中:
B--
常数(单位为 K)Constant (unit K)
Ra--
在温度
Ta(单位为 K)下测定的零功率电阻值(单位为Ω);
Rb--
在温度
Tb(单位为 K)下测定的零功率电阻值(单位为Ω)。
Ta=298.15K
Tb=358.15K
B 值是材料系数或指热敏指数,B 值的大小由材料特性决定,B 值允许±5%公差范
围,影响 B 值大小的因素属材料特性;
B 值不同,残余电阻大小不同,持续工作时温升
也不同;
B 值越大,残余电阻越小,工作时温升越小。
B value is the material coefficient or thermal index, B value is decided by the size of the
material properties, allowing the + 5% tolerance range of B value, B value influence the
size of the material properties; the B values are different, the residual resistance of
different sizes, continuous working temperature rise is also different; the bigger the B
value, the residual resistance is small when the temperature rise is small.
5、热敏电阻选用原则 Principle of thermal resistor is chosen
5.1 热敏电阻的最大工作电流>回路的工作电流
Thermistor maximum operating current> loop operating current
Rev 2.0 :
www.leiditech.com
12.01.2019
8/24
10D-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com