Electronic Components Datasheet Search
  English  ▼

X  

MAX3080CPD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3080CPD
Description  Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080CPD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3080CPD Datasheet HTML 7Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 8Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 9Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 10Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 11Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 12Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 13Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 14Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
Pin Description (continued)
12
8
—
12
—
A
Noninverting Receiver Input
—
—
—
—
12
A
HALF-
DUPLEX
MODE
MAX3089
FULL-
DUPLEX
MODE
FULL-DUPLEX
DEVICES
MAX3081
MAX3084
MAX3087
HALF-
DUPLEX
DEVICES
MAX3082
MAX3085
MAX3088
FUNCTION
NAME
MAX3080
MAX3083
MAX3086
Receiver Input Resistors*
—
—
6
—
—
A
Noninverting Receiver Input and Noninverting Driver Output
—
—
—
13
13
RXP
Receiver Phase. Connect RXP to GND, or leave unconnected for
normal transmitter phase/polarity. Connect to VCC to invert the
receiver phase/polarity.
14
1
8
14
14
VCC
Positive Supply; 4.75V
≤ VCC ≤ 5.25V
1, 8, 13
—
—
—
—
N.C.
Not Connected. Not internally connected.
Function Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1
1
0
1
X
1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
0
X
≥ -0.05V
1
0
X
≤ -0.2V
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
TRANSMITTING
INPUT
OUTPUTS
DI
Z
Y
1
0
1
0
1
0
RECEIVING
INPUTS
OUTPUT
A-B
RO
≥ -0.05V
1
≤ -0.2V
0
Open/shorted
1
PIN
X = Don’t care
Shutdown mode, driver and receiver outputs high impedance
*(MAX3089 only.) In half-duplex mode, the driver outputs serve as receiver inputs. The full-duplex receiver inputs (A and B) will still
have a 1/8-unit load, but are not connected to the receiver.
MAX3081/MAX3084/MAX3087
MAX3080/MAX3083/MAX3086
Maxim Integrated
11
MAX3080–MAX3089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com