Electronic Components Datasheet Search
  English  ▼

X  

MAX3080CPD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3080CPD
Description  Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080CPD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3080CPD Datasheet HTML 1Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 2Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 3Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 4Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 5Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 6Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 7Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 8Page - Maxim Integrated Products MAX3080CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
0V
≤ VRO ≤ VCC
-7V
≤ VCM ≤ +12V
0.4V
≤ VO ≤ 2.4V
-7V
≤ VCM ≤ +12V
IO = -4mA, VID = -50mV
DE = GND, VRE = VCC
IO = 4mA, VID = -200mV
No load,
RE = DI = GND
or VCC, SRL = VCC
CONDITIONS
µA
0.001
10
ISHDN
Supply Current in Shutdown
Mode
µA
ICC
Supply Current
mA
±7
±95
IOSR
Receiver Output Short-Circuit
Current
k
Ω
96
RIN
Receiver Input Resistance
µA
±1
IOZR
Three-State Output Current at
Receiver
mV
-200
-125
-50
VTH
Receiver Differential Threshold
Voltage
mV
25
∆VTH
Receiver Input Hysteresis
V
VCC -1.5
VOH
Receiver Output High Voltage
V
0.4
VOL
Receiver Output Low Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
No load,
RE = DI = GND
or VCC, SRL = GND
DE = VCC
DE = VCC
420
800
µA
475
1000
DE = GND
DE = GND
430
900
375
600
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: The SRL pin is internally biased to VCC / 2 by a 100k
Ω/100kΩ resistor divider. It is guaranteed to be VCC / 2 if left
unconnected.
Note 4: Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level applies during
current limiting.
RECEIVER
SUPPLY CURRENT
SUPPLY CURRENT
Maxim Integrated
3
MAX3080–MAX3089



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com