Electronic Components Datasheet Search
  English  ▼

X  

MAX1608EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1608EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
continue to hold the ALERT pin low until it is allowed to
clear its own interrupt.
Clearing the interrupt has no effect on the state of the
status registers.
Input/Output Pins
Each IO_ pin is protected by an internal 20mA (typical)
current-limit circuit. Typical pulldown on-resistance at
VCC = +2.7V and +5.5V is 100
Ω and 66Ω, respectively.
When the IO_ is high impedance, it actually has a
0.5µA pulldown current source included as part of the
read-back functionality.
External pullup resistors and IO_ sink capability can
affect the outputs’ rise and fall times. When using the
MAX1608/MAX1609 to control an external MOSFET in
power-switching applications, pullup and/or series resis-
tance can be used together with the MOSFET’s gate
capacitance or additional external capacitance (Figure 6)
to control the transition time of the switched source.
The input logic levels are TTL compatible and are sam-
pled during a readback SMBus transmission (see RSB
register in Data Registers section ).
Power-On Reset
The MAX1608/MAX1609s’ power-on-reset circuit
ensures that the IO_ states are defined when V+ is first
applied or when the supply dips below the UVLO
threshold. The power-on states can also be reset with
the SPOR command through the SMBus.
Octal SMBus-to-Parallel I/O Expanders
______________________________________________________________________________________
11
POR STATE
7
IO7
0
6
IO6
0
5
IO5
0
4
IO4
0
1
IO1
0
NAME
BIT
2
IO2
0
3
IO3
0
IO0
MAX1608
0
MAX1609
1
1
1
1
1
0
1
1
Sets IO1 state. 0 = on (low state), 1 = off (high-impedance).
Sets IO7 state. 0 = on (low state), 1 = off (high-impedance).
Sets IO6 state. 0 = on (low state), 1 = off (high-impedance).
Sets IO5 state. 0 = on (low state), 1 = off (high-impedance).
Sets IO4 state. 0 = on (low state), 1 = off (high-impedance).
Sets IO2 state. 0 = on (low state), 1 = off (high-impedance).
Sets IO3 state. 0 = on (low state), 1 = off (high-impedance).
FUNCTION
1
Sets IO0 state. 0 = on (low state), 1 = off (high-impedance).
Table 3. Data Register 1 (NDR1 and SDR1) Bit Assignments (Read or Write)
POR STATE
7
MASKH7
1
6
MASKH6
1
5
MASKH5
1
4
MASKH4
1
1
MASKH1
1
NAME
BIT
2
MASKH2
1
3
MASKH3
1
MASKH0
1
0
Masks IO1 low-to-high interrupt. 0 = interrupts, 1 = masked.
Masks IO7 low-to-high interrupt. 0 = interrupts, 1 = masked.
Masks IO6 low-to-high interrupt. 0 = interrupts, 1 = masked.
Masks IO5 low-to-high interrupt. 0 = interrupts, 1 = masked.
Masks IO4 low-to-high interrupt. 0 = interrupts, 1 = masked.
Masks IO2 low-to-high interrupt. 0 = interrupts, 1 = masked.
Masks IO3 low-to-high interrupt. 0 = interrupts, 1 = masked.
FUNCTION
Masks IO0 low-to-high interrupt. 0 = interrupts, 1 = masked.
Table 4. Data Register 2 (NDR2 and SDR2) Bit Assignments (Read or Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com