Electronic Components Datasheet Search
  English  ▼

X  

MAX1608EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1608EEE
Description  Octal SMBus-to-Parallel I/O Expanders
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1608EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1608EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
The MAX1608’s outputs reset to a low state, while the
MAX1609’s outputs reset to a high-impedance state.
Below V+ = 0.8V (typical), the POR states cannot be
enforced, and the I/O pins of both devices exhibit
increasingly weak pulldown current capability, eventu-
ally becoming high impedance.
The MAX1608 is designed for applications that control
n-channel MOSFETs, while the MAX1609 is designed to
control p-channel MOSFETs. The power-on state keeps
the external MOSFETs off at power-up. Both devices
are suited for applications that use the parallel input for
serial functionality, although IO_s serving as inputs
must first be programmed to high impedance when
using the MAX1608.
Thermal Shutdown
These devices have internal thermal-shutdown circuitry
that sets all outputs to a high-impedance state (IO_
pins) when the junction temperature exceeds +140°C
typical. Thermal shutdown only occurs during an over-
load condition on the IO_ pins. The device cycles
between thermal shutdown and the overcurrent condi-
tion (with 10°C hysteresis) until the overload condition
is removed. The device asserts ALERT low while it is in
thermal shutdown, indicating this fault status. ALERT
will be reasserted immediately after it is cleared if the
device is still hot. ALERT can only be completely
cleared once the fault condition is removed and the
device has cooled. Alternatively, forcing the IO_ to high
impedance will allow the junction to cool down.
Octal SMBus-to-Parallel I/O Expanders
12
______________________________________________________________________________________
POR STATE
7
MASKL7
1
6
MASKL6
1
5
MASKL5
1
4
MASKL4
1
1
MASKL1
1
NAME
BIT
2
MASKL2
1
3
MASKL3
1
MASKL0
1
0
Masks IO1 high-to-low interrupt. 0 = interrupts, 1 = masked.
Masks IO7 high-to-low interrupt. 0 = interrupts, 1 = masked.
Masks IO6 high-to-low interrupt. 0 = interrupts, 1 = masked.
Masks IO5 high-to-low interrupt. 0 = interrupts, 1 = masked.
Masks IO4 high-to-low interrupt. 0 = interrupts, 1 = masked.
Masks IO2 high-to-low interrupt. 0 = interrupts, 1 = masked.
Masks IO3 high-to-low interrupt. 0 = interrupts, 1 = masked.
FUNCTION
Masks IO0 high-to-low interrupt. 0 = interrupts, 1 = masked.
Table 5. Data Register 3 (NDR3 and SDR3) Bit Assignments (Read or Write)
Table 6. IO_ Status Data Register (RSB) Bit Assignments (Read Only)
7
DATA7
6
DATA6
5
DATA5
4
DATA4
1
DATA1
NAME
BIT
2
DATA2
3
DATA3
DATA0
0
Indicates the current state of IO1. 1 = high, 0 = low.
Indicates the current state of IO7. 1 = high, 0 = low.
Indicates the current state of IO6. 1 = high, 0 = low.
Indicates the current state of IO5. 1 = high, 0 = low.
Indicates the current state of IO4. 1 = high, 0 = low.
Indicates the current state of IO2. 1 = high, 0 = low.
Indicates the current state of IO3. 1 = high, 0 = low.
FUNCTION
Indicates the current state of IO0. 1 = high, 0 = low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com