Electronic Components Datasheet Search
  English  ▼

X  

ETB02 Datasheet(PDF) 3 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETB02
Description  WIRE PROTECTOR TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETB02 Datasheet(HTML) 3 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETB02 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETB02 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETB02 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ETB02 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
For the latest product information, Please visit our website at http://www.ece.com.tw
Terminal Block
EUROSTYLE P.C.B. TERMINAL BLOCK
ETB02 SERIES
STRIP PIN TYPE
PITCH=3.5 / 7.0mm
■ FEATURES
Easy to assemble for any number of positions
End stackable without any loss of P.C.B. space
Special wire protector design to ensure reliable wire clamping
UL 94V-0 grade fire retardant engineering plastic used for the housing
Be capable of clamping a wide range of wire diameters
Compact size for P.C.B.
■ SPECIFICATIONS
Pitch
3.5mm, 7.0mm
No. of pin per block
2P to 24P
Rating
8 Amp, 300 VAC
Housing
PA66
Terminals
Tin plated over Brass
Operating temperature -30℃~+110℃
(includes temperature rise limit)
■ PART NUMBERING SYSTEM
ETB
02
XX
X
X
0
D
0
Z
Z: RoHS Compliant
Special number
D: Strip pin
Housing color:
B: Blue
G: Green
K: Black
Pitch:
0: Standard pitch
1: Standard pitchx2
Number of pins
Series
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com