Electronic Components Datasheet Search
  English  ▼

X  

ETB02 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETB02
Description  WIRE PROTECTOR TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETB02 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETB02 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETB02 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETB02 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ETB02 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Terminal Block
EUROSTYLE P.C.B. TERMINAL BLOCK
ETB02 SERIES
WIRE PROTECTOR TYPE
PITCH=3.5 / 7.0mm
■ FEATURES
Easy to assemble for any number of positions
End stackable without any loss of P.C.B. space
Special wire protector design to ensure reliable wire clamping
UL 94V-0 grade fire retardant engineering plastic used for the housing
Be capable of clamping a wide range of wire diameters
Compact size for P.C.B.
■ SPECIFICATIONS
Pitch
3.5mm, 7.0mm
Wire range
28~18 AWG (0.75mm²)
No. of pole per block
2P or 3P
Rating
8 Amp, 300 VAC
Housing
PA66
Screws
M2.0x0.4P, Zinc plated over Steel
Wire cage
Nickel plated over Zinc Alloy
Wire protector
Nickel plated over Beryllium Copper
Torque
0.2 N-m (1.7 lb-in) (tested by
manual torque screwdriver)
Operating temperature -30℃~+110℃
(includes temperature rise limit)
Stripping length
4.5mm
■ PART NUMBERING SYSTEM
ETB
02
XX
X
X
X
00
Z
Z: RoHS Compliant
Special number
Screw type: 0: “+” screw
1: “-” screw
Housing color: B: Blue
G: Green
K: Black
Pitch: 0: Standard pitch
1: Standard pitchx2
Number of poles
Series
Model


Similar Part No. - ETB02

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB01 ECE-ETB01 Datasheet
248Kb / 2P
CLAMPING TYPE
ETB01-7P ECE-ETB01-7P Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
ETB01-8P ECE-ETB01-8P Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
ETB01070B000Z ECE-ETB01070B000Z Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
ETB01070B100Z ECE-ETB01070B100Z Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
More results

Similar Description - ETB02

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TBW-00-197 MAJOR-LEAGUE-TBW-00-197 Datasheet
81Kb / 2P
.197cl Wire Protector Terminal Block Interlock
logo
Tyco Electronics
1776302 MACOM-1776302 Datasheet
66Kb / 1P
12.0 PITCH, W/ WIRE PROTECTOR
logo
EXCEL CELL ELECTRONIC C...
ETB1A-THR ECE-ETB1A-THR Datasheet
401Kb / 2P
WIRE PROTECTOR TYPE
ETB1A-THT ECE-ETB1A-THT Datasheet
162Kb / 2P
WIRE PROTECTOR TYPE
ETB3A ECE-ETB3A Datasheet
103Kb / 2P
WIRE PROTECTOR TYPE
ETB08 ECE-ETB08 Datasheet
105Kb / 2P
WIRE PROTECTOR TYPE
ETB09 ECE-ETB09 Datasheet
107Kb / 2P
WIRE PROTECTOR, RIGHT ANGLE TYPE
ETB10 ECE-ETB10 Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB11 ECE-ETB11 Datasheet
103Kb / 2P
WIRE PROTECTOR TYPE
ETB12 ECE-ETB12 Datasheet
146Kb / 2P
WIRE PROTECTOR, RIGHT ANGLE TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com