Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 280 Page - ATMEL Corporation

Part # AT90USB646
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 434 page
background image
280
7593A–AVR–02/06
AT90USB64/128
• Start of frame(
SOFI, if FNCERR=0)
• Suspend detected after 3 ms of inactivity(
SUSPI)
Exception Interrupts are generated when:
• CRC error in frame number of SOF(
SOFI, FNCERR=1)
Figure 22-5. USB Device Controller Endpoint Interrupt System
Processing interrupts are generated when:
• Ready to accept IN data(
EPINTx, TXINI=1)
• Received OUT data(
EPINTx, RXOUTI=1)
• Received SETUP(
EPINTx, RXSTPI=1)
Exception Interrupts are generated when:
• Stalled packet(
EPINTx, STALLEDI=1)
• CRC error on OUT in isochronous mode(
EPINTx, STALLEDI=1)
• Overflow in isochronous mode(
EPINTx, OVERFI=1)
• Underflow in isochronous mode(
EPINTx, UNDERFI=1)
• NAK IN sent(
EPINTx, NAKINI=1)
• NAK OUT sent(
EPINTx, NAKOUTI=1)
EPINT
UEINT.X
Endpoint 0
Endpoint 1
Endpoint 2
Endpoint 3
Endpoint 4
Endpoint 5
Endpoint Interrupt
Endpoint 6
FLERRE
UEIENX.7
OVERFI
UESTAX.6
UNDERFI
UESTAX.5
NAKINI
UEINTX.6
NAKINE
UEIENX.6
NAKOUTI
UEINTX.4
TXSTPE
UEIENX.4
RXSTPI
UEINTX.3
TXOUTE
UEIENX.3
RXOUTI
UEINTX.2
RXOUTE
UEIENX.2
STALLEDI
UEINTX.1
STALLEDE
UEIENX.1
TXINI
UEINTX.0
TXINE
UEIENX.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com