Electronic Components Datasheet Search
  English  ▼

X  

MAX11642 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11642
Description  8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11642 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11642 Datasheet HTML 6Page - Maxim Integrated Products MAX11642 Datasheet HTML 7Page - Maxim Integrated Products MAX11642 Datasheet HTML 8Page - Maxim Integrated Products MAX11642 Datasheet HTML 9Page - Maxim Integrated Products MAX11642 Datasheet HTML 10Page - Maxim Integrated Products MAX11642 Datasheet HTML 11Page - Maxim Integrated Products MAX11642 Datasheet HTML 12Page - Maxim Integrated Products MAX11642 Datasheet HTML 13Page - Maxim Integrated Products MAX11642 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
8-Bit, 16-/8-Channel, 300ksps ADCs
with FIFO and Internal Reference
10
______________________________________________________________________________________
Pin Description
MAX11638
MAX11639
(8 CHANNELS)
MAX11642
MAX11643
(16 CHANNELS)
NAME
FUNCTION
1–7
—
AIN0–AIN6
Analog Inputs
—
1–15
AIN0–AIN14
Analog Inputs
8
—
CNVST/AIN7
Active-Low Conversion Start Input/Analog Input 7. See Table 3 for
details on programming the setup register.
—
16
CNVST/AIN15
Active-Low Conversion Start Input/Analog Input 15. See Table 3 for details
on programming the setup register.
9
17
REF
Reference Input. Bypass to GND with a 0.1µF capacitor.
10
18
GND
Ground
11
19
VDD
Power Input. Bypass to GND with a 0.1µF capacitor.
12
20
CS
Active-Low Chip-Select Input. When
CS is low, the serial interface is
enabled. When
CS is high, DOUT is high impedance.
13
21
SCLK
Serial Clock Input. Clocks data in and out of the serial interface (duty
cycle must be 40% to 60%). See Table 3 for details on programming the
clock mode.
14
22
DIN
Serial Data Input. DIN data is latched into the serial interface on the
rising edge of SCLK.
15
23
DOUT
Serial Data Output. Data is clocked out on the falling edge of SCLK. High
impedance when
CS is connected to VDD.
16
24
EOC
End of Conversion Output. Data is valid after
EOC pulls low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com