Electronic Components Datasheet Search
  English  ▼

X  

MAX11642 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11642
Description  8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11642 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11642 Datasheet HTML 1Page - Maxim Integrated Products MAX11642 Datasheet HTML 2Page - Maxim Integrated Products MAX11642 Datasheet HTML 3Page - Maxim Integrated Products MAX11642 Datasheet HTML 4Page - Maxim Integrated Products MAX11642 Datasheet HTML 5Page - Maxim Integrated Products MAX11642 Datasheet HTML 6Page - Maxim Integrated Products MAX11642 Datasheet HTML 7Page - Maxim Integrated Products MAX11642 Datasheet HTML 8Page - Maxim Integrated Products MAX11642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
8-Bit, 16-/8-Channel, 300ksps ADCs
with FIFO and Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V (MAX11639/MAX11643), VDD = +4.75V to +5.25V (MAX11638/MAX11642), fSAMPLE = 300kHz, fSCLK =
4.8MHz (external clock 50% duty cycle), VREF = 2.5V (MAX11639/MAX11643), VREF = 4.096V (MAX11638/MAX11642), TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CS, SCLK, DIN, EOC, DOUT to GND.........-0.3V to (VDD + 0.3V)
AIN0–AIN13, CNVST/AIN_,
REF to GND ...........................................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
24-Pin QSOP (derate 9.5mW/°C above +70°C)...........762mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 3)
Resolution
RES
8
Bits
Integral Nonlinearity
INL
±0.5
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±0.5
LSB
Offset Error
±0.5
±1
LSB
Gain Error
(Note 4)
±0.5
±1
LSB
Offset Error Temperature
Coefficient
±2
ppm/°C
FSR
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±0.1
LSB
DYNAMIC SPECIFICATIONS (30kHz sine-wave input, 300ksps, fSCLK = 4.8MHz)
Signal-to-Noise Plus Distortion
SINAD
49
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-70
dBc
Spurious-Free Dynamic Range
SFDR
-72
dBc
Intermodulation Distortion
IMD
fIN1 = 29.9kHz, fIN2 = 30.1kHz
-67
dBc
Full-Power Bandwidth
-3dB point
1
MHz
Full-Linear Bandwidth
S/(N + D) > 48dB
100
kHz
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
16 QSOP
Junction-to-Ambient Thermal Resistance (
θJA)...............105°C/W
Junction-to-Case Thermal Resistance (
θJC)......................37°C/W
24 QSOP
Junction-to-Ambient Thermal Resistance (
θJA)................88°C/W
Junction-to-Case Thermal Resistance (
θJC).......................34°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com