Electronic Components Datasheet Search
  English  ▼

X  

1696222 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1696222
Description  SAC-3P-M 8Y/2XM 8FS VP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1696222 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1696222 Datasheet HTML 1Page - PHOENIX CONTACT 1696222 Datasheet HTML 2Page - PHOENIX CONTACT 1696222 Datasheet HTML 3Page - PHOENIX CONTACT 1696222 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 15, 2011
Extract from the online
catalog
 
SAC-3P-M 8Y/2XM 8FS VP
Order No.: 1696222
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1696222
 
 
Y-distributor M8, with female connector M8, 3-pos. connector (parallel)
 
Commercial data
GTIN (EAN)
4
017918
182403
sales group
D116
Pack
5 pcs.
Customs tariff
85366990
Catalog page information
Page 104 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
11/29/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
60 V
Number of positions
3
Volume resistance
≤ 5 mΩ
Insulation resistance
≥ 10 GΩ
Ambient temperature (operation)
-25 °C ... 90 °C (Male connector / female connector)


Similar Part No. - 1696222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1696206 PHOENIX-1696206 Datasheet
90Kb / 7P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-S-F
1696219 PHOENIX-1696219 Datasheet
85Kb / 7P
Sensor/Actuator cable - SAC-3P-10,0-PUR/C-1L-S-F
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
Logic Analyzer Module
More results

Similar Description - 1696222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405489 PHOENIX-1405489 Datasheet
107Kb / 8P
Sensor/Actuator cable - SAC-3P-20,0-PUR/M 8FS
1523984 PHOENIX-1523984 Datasheet
85Kb / 5P
Y distributor - SAC-3P-Y/2XM 8FS SCO
1683471 PHOENIX-1683471 Datasheet
148Kb / 4P
SAC-3P-M12Y/2XM 8FS
1683549 PHOENIX-1683549 Datasheet
127Kb / 4P
SAC-3P-M12Y/2XM 8FS VP
1519752 PHOENIX-1519752 Datasheet
223Kb / 6P
Adapter - SAC-3P-M12MS-M 8FS
1696183 PHOENIX-1696183 Datasheet
273Kb / 5P
Y distributor - SAC-3P-M 8Y/2XM 8FS
1419946 PHOENIX-1419946 Datasheet
1Mb / 5P
Y distributor - SAC-5PY-F/2XM VP SH
1572443 PHOENIX-1572443 Datasheet
378Kb / 5P
Y distributor - SAC-4P-M 8Y/2XM 8FS VP
1425245 PHOENIX-1425245 Datasheet
129Kb / 9P
Sensor/actuator cable - SAC-3P-15,0-PUR/M 8FS
09/12/2020
1554500 PHOENIX-1554500 Datasheet
92Kb / 4P
Sensor/actuator cable - SAC-3P- 5,0-170/M 8FS
12/06/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com