Electronic Components Datasheet Search
  English  ▼

X  

1696222 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1696222
Description  SAC-3P-M 8Y/2XM 8FS VP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1696222 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1696222 Datasheet HTML 1Page - PHOENIX CONTACT 1696222 Datasheet HTML 2Page - PHOENIX CONTACT 1696222 Datasheet HTML 3Page - PHOENIX CONTACT 1696222 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAC-3P-M 8Y/2XM 8FS VP Order No.: 1696222
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1696222
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Feb 15, 2011
General characteristics
Standards/regulations
M8 connector IEC 61076-2-104
Coding
A - standard
Center distance
12 mm
Surge voltage category
II
Pollution degree
3
Degree of protection
IP65/IP67
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, (nickel-plated)
Sealing material
NBR
Status display
No
Certificates / Approvals
Certification
CUL Listed, UL Listed
Accessories
Item
Designation
Description
Protection and sealing elements
1682540
PROT-M8
An M8 screw plug for the unoccupied M8 sockets of the sensor/
actuator cable, boxes and flush-type connectors
Tools
1208461
SAC BIT M8-D10
Nut for assembling sensor/actuator cables with M8 connector and
for M8 connectors with QUICKON fast connection technology, for
4 mm hexagonal drive
1208487
TSD 02 SAC
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm
hexagonal drive for M8 connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com