Electronic Components Datasheet Search
  English  ▼

X  

SS36B Datasheet(PDF) 12 Page - FutureWafer Tech Co.,Ltd

Part # SS36B
Description  Surface Mount Schottky Barrier Rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS36B Datasheet(HTML) 12 Page - FutureWafer Tech Co.,Ltd

Back Button SS36B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SS34-SS310 Family
Surface Mount Schottky Barrier Rectifier
Document Number: F41808N
06-OCT-2021 V 2.2
www.futurewafer.com.tw
12/14
6-5. Taping and Reel Specification-SMAJ / SMAF / SMBJ
Taping Width
Tape Orientation
12mm
6-6. Embossed Carrier Tape Specification-SMAJ / SMAF / SMBJ
Direction Of Feed
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com