Electronic Components Datasheet Search
  English  ▼

X  

SS36B Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # SS36B
Description  Surface Mount Schottky Barrier Rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS36B Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  SS36B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS36B Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SS34-SS310 Family
Surface Mount Schottky Barrier Rectifier
Document Number: F41808N
06-OCT-2021 V 2.2
www.futurewafer.com.tw
4/14
3-3. Ratings and Characteristics Curve (TA=25°C unless otherwise noted)
Fig 3. Typical Reverse Current Characteristics
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage, VF (V)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage, VR (%)
SS34
SS36
SS310
TJ=125°C
TJ=75°C
TJ=25°C
TM - Mount Temperature (°C)
Fig 1. Maximum Forward Current Derating Curve
Fig 4. Maximum Non-Repetitive Forward Surge Current
TJ=150°C
TM measured at cathode
terminal mount typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com