Electronic Components Datasheet Search
  English  ▼

X  

2285331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2285331
Description  Socket strip - SFL (2,8-0,8)F32/ZB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2285331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2285331 Datasheet HTML 1Page - PHOENIX CONTACT 2285331 Datasheet HTML 2Page - PHOENIX CONTACT 2285331 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2285331
09/27/2021   Page 1 / 3
Socket strip - SFL (2,8-0,8)F32/ZB - 2285331
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
19" socket strip, color: green, contact surface: Tin, Number of positions per row: 32, product range: SFL (2,8-0,8),
pitch: 0 mm, type of packaging: packed in cardboard
The figure shows the version SFL
(2,8-0,8) F 48
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918055936
Weight per Piece (excluding packing)
36.030 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Dimensions
Length
14.8 mm
Height
28.6 mm
Width
95 mm
Pitch
0 mm
Hole diameter
2.8 mm
General
Range of articles
SFL (2,8-0,8)
Insulating material group
II


Similar Part No. - 2285331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2285302 PHOENIX-2285302 Datasheet
59Kb / 3P
Socket strip - SFL (2,8-0,8)D32
2285315 PHOENIX-2285315 Datasheet
60Kb / 3P
Socket strip - SFL (2,8-0,8)F48
2285328 PHOENIX-2285328 Datasheet
66Kb / 3P
Socket strip - SFL (2,8-0,8)F32/ZD
More results

Similar Description - 2285331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953017 PHOENIX-1953017 Datasheet
121Kb / 5P
UVKB 4-FS/FS(8-2,8-0,8)
1954016 PHOENIX-1954016 Datasheet
128Kb / 6P
UVKB 4-FS(6-2,8-0,8)
1960013 PHOENIX-1960013 Datasheet
109Kb / 5P
UKB 4-FS/FS(4-2,8-0,8)
2017237 PHOENIX-2017237 Datasheet
137Kb / 6P
UHK 4-FS(8-2,8-0,8)
2285577 PHOENIX-2285577 Datasheet
117Kb / 4P
FRONT-SFL 2,5/F32/ZB
0750017 PHOENIX-0750017 Datasheet
151Kb / 8P
Panel feed-through terminal block - DFK-2,8/FSI(2-2,8-0,8)
2285328 PHOENIX-2285328 Datasheet
66Kb / 3P
Socket strip - SFL (2,8-0,8)F32/ZD
2285580 PHOENIX-2285580 Datasheet
290Kb / 4P
Socket strip - FRONT-SFL 2,5/F32/ZD
2285302 PHOENIX-2285302 Datasheet
59Kb / 3P
Socket strip - SFL (2,8-0,8)D32
2285315 PHOENIX-2285315 Datasheet
60Kb / 3P
Socket strip - SFL (2,8-0,8)F48
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com