Electronic Components Datasheet Search
  English  ▼

X  

2285331 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2285331
Description  Socket strip - SFL (2,8-0,8)F32/ZB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2285331 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2285331 Datasheet HTML 1Page - PHOENIX CONTACT 2285331 Datasheet HTML 2Page - PHOENIX CONTACT 2285331 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/2285331
09/27/2021   Page 2 / 3
Socket strip - SFL (2,8-0,8)F32/ZB - 2285331
Technical data
General
Rated surge voltage (III/3)
2.5 kV
Nominal cross section
0 mm²
Insulating material
PA-F
Flammability rating according to UL 94
HB
Number of positions
32
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
27440401
eCl@ss 11.0
27460101
eCl@ss 4.0
27260700
eCl@ss 4.1
27260700
eCl@ss 5.0
27260700
eCl@ss 5.1
27261100
eCl@ss 6.0
27261100
eCl@ss 7.0
27440401
eCl@ss 9.0
27440401
ETIM
ETIM 3.0
EC000516
ETIM 4.0
EC002498
ETIM 6.0
EC002643
ETIM 7.0
EC002643
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
UNSPSC 18.0
39121432
UNSPSC 19.0
39121432
UNSPSC 20.0
39121432



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com