Electronic Components Datasheet Search
  English  ▼

X  

BIS0179 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS0179
Description  HF (13.56 MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0179 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS0179 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 4Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 5Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 6Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HF (13.56 MHz)
BIS M-4008-048-001-ST4
Order Code: BIS0179
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 251345
ETIM 6.0: EC002998
BIS0179_2.16_2021-07-14
1 / 6
1) Sensing surface, 2) Data carrier, 3) Clear zone, 4) LED (Power), 5) LED (CP), 6) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
WEEE
EAC
Principle of operation
Read/write device
Display/Operation
Function indicator
CP (Code tag present), LED
yellow
Link Port 1, LED green
Link Port 2, LED green
Activity Port 1, LED yellow
Activity Port 2, LED yellow
BUS Failure Status, LED red
System Failure Status, LED red
Power, LED green
Electrical connection
Connection (COM 1)
Port 1: M12x1-Female, 4-pin, D-
coded
Connection (COM 2)
Port 2: M12x1-Female, 4-pin, D-
coded
Connection (supply voltage IN)
M12x1-Male, 4-pin, A-coded
Electrical data
Current consumption max. at 24 V DC 150 mA
Nominal voltage
24 VDC
Operating voltage Ub
24 V DC LPS Class 2
Residual ripple max.
10 %


Similar Part No. - BIS0179

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0172 BALLUFF-BIS0172 Datasheet
104Kb / 1P
UHF (860...960 MHz)
BIS0173 BALLUFF-BIS0173 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0174 BALLUFF-BIS0174 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0175 BALLUFF-BIS0175 Datasheet
128Kb / 3P
HF (13.56 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
More results

Similar Description - BIS0179

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0133 BALLUFF-BIS0133 Datasheet
923Kb / 5P
HF (13.56 MHz)
BIS0157 BALLUFF-BIS0157 Datasheet
550Kb / 3P
HF (13.56 MHz)
BAE00JL BALLUFF-BAE00JL Datasheet
111Kb / 2P
HF (13.56 MHz)
BIS0132 BALLUFF-BIS0132 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS00LW BALLUFF-BIS00LW Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0175 BALLUFF-BIS0175 Datasheet
128Kb / 3P
HF (13.56 MHz)
BIS015T BALLUFF-BIS015T Datasheet
667Kb / 4P
HF (13.56 MHz)
2.2_2021-07-14
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com