Electronic Components Datasheet Search
  English  ▼

X  

BIS0179 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0179
Description  HF (13.56 MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0179 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0179 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 4Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 5Page - Balluff Korea Ltd. BIS0179 Datasheet HTML 6Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HF (13.56 MHz)
BIS M-4008-048-001-ST4
Order Code: BIS0179
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 251345
ETIM 6.0: EC002998
BIS0179_2.16_2021-07-14
2 / 6
Environmental conditions
Ambient temperature
0...70 °C
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67, with connector
Storage temperature
-20...85 °C
Functional Characteristics
Supported data carrier types
DIN ISO 15693
DIN 
ISO 
15693 
(High Memory)
Functional safety
MTTF (40 °C)
68 a
Interface
Interface
Profinet I/O (IRT)
Profinet I/O (IRT) 2-port switch
Material
Housing material
Zinc, Die casting
Mechanical data
Application weight
410.00 g
Dimension
80 x 35 x 119 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
Only for data carriers acc. to ISO 15693.
For basic equipment: Accessories see www.balluff.com
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
2) Female 4-pin/ Function
3) Coding D
1) View towards connector
2 ) Male 4-pin/ Function
Help Views



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com