Electronic Components Datasheet Search
  English  ▼

X  

BIS0191 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS0191
Description  UHF (860...960 MHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0191 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS0191 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0191 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0191 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UHF (860...960 MHz)
BIS VU-320-C5-S4
Order Code: BIS0191
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 284049
ETIM 6.0: EC002996
BIS0191_0.14_2021-06-07
1 / 3
1) Sensing surface, 2) LED (Tag present), 3) LED (Power), 4) LED (Status), 5) LED (RF active), 6) Tightening torque, 7)
Button (Config)
Basic features
Antenna type
Patch
Approval/Conformity
ARIB T106
MIC Specified Radio Equipment
cULus
WEEE
Principle of operation
Read/write head
Radio license
Japan
Standards
EPCglobal™ Class 1, Gen 2
ISO 18000-6C
Display/Operation
Function indicator
Status, LED red
RF active, LED blue
Power, LED green
Tag Present, LED yellow
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Electrical data
Current consumption max. at 24 V DC 200 mA
Front-to-back ratio
typ.10 dB
Multi-Tag capable
yes
Nominal voltage
24 VDC
Operating voltage Ub
24 V DC LPS Class 2
Output power adjustable
7 dBm…25 dBm (5 mW…320
mW)
Permissible radiated power
≤ 400 mW EIRP
Polarization
circular
Residual ripple max.
10 %
Working frequency
916.8…920.4 MHz
Environmental conditions
Ambient temperature
-20...55 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-25...70 °C
Functional safety
MTTF (40 °C)
110 a


Similar Part No. - BIS0191

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0190 BALLUFF-BIS0190 Datasheet
150Kb / 3P
UHF (860...960 MHz)
BIS0192 BALLUFF-BIS0192 Datasheet
152Kb / 3P
UHF (860...960 MHz)
BIS0197 BALLUFF-BIS0197 Datasheet
724Kb / 4P
HF (13.56 MHz)
BIS019T BALLUFF-BIS019T Datasheet
801Kb / 4P
HF (13.56 MHz)
1.22_2021-06-21
BIS019U BALLUFF-BIS019U Datasheet
112Kb / 2P
HF (13.56 MHz)
0.3_2021-08-25
More results

Similar Description - BIS0191

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com