Electronic Components Datasheet Search
  English  ▼

X  

BIS0191 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0191
Description  UHF (860...960 MHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0191 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0191 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0191 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0191 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UHF (860...960 MHz)
BIS VU-320-C5-S4
Order Code: BIS0191
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 284049
ETIM 6.0: EC002996
BIS0191_0.14_2021-06-07
2 / 3
Interface
Interface
RS485
Material
Housing material
PC, coated
ABS, Zinc, Die casting,
(Connector)
Housing material, surface protection coated
Mechanical data
Application weight
850 g
Dimension
130 x 50.5 x 130 mm
Range/Distance
Axial ratio
typ. 1 dB
Remarks
Operation permitted only in Japan.
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com