Electronic Components Datasheet Search
  English  ▼

X  

MAX3969ETP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3969ETP
Description  200Mbps SFP Limiting Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3969ETP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3969ETP Datasheet HTML 1Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 2Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 3Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 4Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 5Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 6Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 7Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 8Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
200Mbps SFP Limiting Amplifier
_______________________________________________________________________________________
3
Typical Operating Characteristics
(VCC = +3.3V, PECL outputs terminated with 50
Ω to VCC - 2V, R1 = 100kΩ, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
(PECL OUTPUTS OPEN)
AMBIENT TEMPERATURE (
°C)
60
35
10
-15
5
10
15
20
25
30
35
40
45
50
55
60
0
-40
85
1ns/div
OUTPUT EYE DIAGRAM
(VIN = 2mVP-P, 155Mbps, 223 - 1 PRBS)
200mV/div
MAX3969 toc02
1ns/div
OUTPUT EYE DIAGRAM
(VIN = 1500mVP-P, 155Mbps, 223 - 1 PRBS)
200mV/div
MAX3969 toc03
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
1000
100
10
1
0.1
800
1000
1200
1400
1600
1800
600
0.01
10,000
BIT ERROR RATIO vs. DIFFERENTIAL
INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
0.4
10-03
0
10-04
10-05
10-06
10-07
10-08
10-09
10-10
10-11
10-12
0.1
0.2
0.3
0.5
0.6
0.7
0.8
155Mbps
223 - 1 PRBS
RSSI VOLTAGE vs. DIFFERENTIAL
INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
100
10
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
1.00
11000
RSSI LOAD > 10k
Ω
155Mbps
223 - 1 PRBS
LOS LOW
LOS HIGH
1.4
1.6
1.5
1.9
1.8
1.7
2.2
2.1
2.0
2.3
-40
0
20
-20
40
60
80
100
RSSI VOLTAGE vs. TEMPERATURE
(LOS LOW, RSSI LOAD > 10k
Ω)
AMBIENT TEMPERATURE (
°C)
INPUT = 100mVP-P
INPUT = 50mVP-P
INPUT = 10mVP-P
INPUT = 5mVP-P
POWER-DETECT THRESHOLD vs. R2
(R1 = 100k
Ω)
R2 (k
Ω)
110
100
90
80
70
60
50
40
30
20
10
100
1000
1
10
120
SD LOW/
LOS HIGH
SD HIGH/
LOS LOW
155Mbps
223 - 1 PRBS
0
3
2
1
4
5
6
7
8
9
10
-40
10
-15
35
60
85
LOSS-OF-SIGNAL HYSTERESIS
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
155Mbps
223-1 PRBS
R2 = 10k
Ω
R2 = 50k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com