Electronic Components Datasheet Search
  English  ▼

X  

MAX3969ETP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3969ETP
Description  200Mbps SFP Limiting Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3969ETP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3969ETP Datasheet HTML 1Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 2Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 3Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 4Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 5Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 6Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 7Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 8Page - Maxim Integrated Products MAX3969ETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
200Mbps SFP Limiting Amplifier
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
17, 18
VCC
Supply Voltage
19
SQUELCH
Squelch Input. The squelch function disables the data outputs by forcing OUT- low and OUT+ high
when the signal is below the power-detect threshold. Connect to GND or leave unconnected to
disable squelch. Connect to VCC to enable squelch.
20
VTH
Output of Internal Op Amp that Sets Power-Detect Threshold Voltage (Figure 1). Connect a resistor
from VTH to INV (R2) and from INV to ground (R1 = 100k
Ω), to program the desired threshold voltage.
EP
Exposed
Pad
Ground. The exposed pad must be soldered to the circuit board ground for proper thermal and
electrical performance.
OFFSET
CORRECTION
1
1
O
1.2V
REFERENCE
CIN
CIN
IN+
FILTER
VCC
IN-
FWD
FWD
FWD
CFILTER
CAZ
CZN
CZP
R1
100k
Ω
R2
INV
VTH
VCC
VCCO
GND
OUT-
OUT+
SQUELCH
RSSI
LOS
LOS
SD
MAX3969
PECL
TTL
PECL
Figure 1. Functional Diagram
Detailed Description
The MAX3969 contains a series of limiting amplifiers
and power detectors, offset correction, data-squelch
circuitry, TTL buffers for LOS outputs, and PECL output
buffers for signal detect (SD) and data outputs. See
Figure 1 for the functional diagram.
Gain Stages and Offset Correction
A cascade of limiting amplifiers provides approximately
65dB of combined small-signal gain. The large gain
makes the amplifier susceptible to small DC offsets in
the signal path. To correct DC offsets, the amplifier has
an internal feedback loop that acts as a DC autozero
circuit. By correcting the DC offsets, the limiting amplifi-
er sensitivity and power-detector accuracy are
improved.
The offset correction is optimized for data streams with
a 50% duty cycle. A different average duty cycle results
in increased pulse-width distortion and loss of sensitivi-
ty. The offset-correction circuitry is less sensitive to vari-
ations of input duty cycle (for example, the 40% to 60%
duty cycle encountered in 4B/5B coding) when the
input is less than 30mVP-P.
The data inputs must be AC-coupled for the offset cor-
rection loop to function properly. Differential input
impedance is >5k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com