Electronic Components Datasheet Search
  English  ▼

X  

PUMH14 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMH14
Description  NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH14 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMH14 Datasheet HTML 1Page - NXP Semiconductors PUMH14 Datasheet HTML 2Page - NXP Semiconductors PUMH14 Datasheet HTML 3Page - NXP Semiconductors PUMH14 Datasheet HTML 4Page - NXP Semiconductors PUMH14 Datasheet HTML 5Page - NXP Semiconductors PUMH14 Datasheet HTML 6Page - NXP Semiconductors PUMH14 Datasheet HTML 7Page - NXP Semiconductors PUMH14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
NPN/NPN Resistor-Equipped Transistors (RET).
1.2 Features
s Built-in bias resistor
s Simplifies circuit design
s Reduces component count
s Reduces pick and place costs
1.3 Applications
s Low current peripheral driver
s Control of IC inputs
s Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMH14; PUMH14
NPN/NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
Rev. 02 — 29 April 2005
Product data sheet
Table 1:
Product overview
Type number
Package
NPN/PNP
complement
PNP/PNP
complement
Philips
JEITA
PEMH14
SOT666
-
PEMD14
PEMB14
PUMH14
SOT363
SC-88
PUMD14
PUMB14
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
33
47
61
k
Ω


Similar Part No. - PUMH14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH14 PHILIPS-PUMH14 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMH14 NXP-PUMH14 Datasheet
101Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PUMH14 NEXPERIA-PUMH14 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = open
31 March 2023
PUMH14 NEXPERIA-PUMH14 Datasheet
186Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
More results

Similar Description - PUMH14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTA144T PHILIPS-PDTA144T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
PEMD14 NXP-PEMD14 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com