Electronic Components Datasheet Search
  English  ▼

X  

PUMH14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMH14
Description  NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH14 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMH14 Datasheet HTML 1Page - NXP Semiconductors PUMH14 Datasheet HTML 2Page - NXP Semiconductors PUMH14 Datasheet HTML 3Page - NXP Semiconductors PUMH14 Datasheet HTML 4Page - NXP Semiconductors PUMH14 Datasheet HTML 5Page - NXP Semiconductors PUMH14 Datasheet HTML 6Page - NXP Semiconductors PUMH14 Datasheet HTML 7Page - NXP Semiconductors PUMH14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9397 750 14463
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 29 April 2005
2 of 8
Philips Semiconductors
PEMH14; PUMH14
NPN/NPN resistor-equipped transistors; R1 = 47 k
Ω, R2 = open
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
001aab555
6
4
5
1
3
2
65
4
1
23
TR1
TR2
R1
R1
sym090
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PEMH14
-
plastic surface mounted package; 6 leads
SOT666
PUMH14
SC-88
plastic surface mounted package; 6 leads
SOT363
Table 5:
Marking codes
Type number
Marking code [1]
PEMH14
5C
PUMH14
H1*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com