Electronic Components Datasheet Search
  English  ▼

X  

PAC1932 Datasheet(PDF) 4 Page - Microchip Technology

Part # PAC1932
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932 Datasheet(HTML) 4 Page - Microchip Technology

  PAC1932 Datasheet HTML 1Page - Microchip Technology PAC1932 Datasheet HTML 2Page - Microchip Technology PAC1932 Datasheet HTML 3Page - Microchip Technology PAC1932 Datasheet HTML 4Page - Microchip Technology PAC1932 Datasheet HTML 5Page - Microchip Technology PAC1932 Datasheet HTML 6Page - Microchip Technology PAC1932 Datasheet HTML 7Page - Microchip Technology PAC1932 Datasheet HTML 8Page - Microchip Technology PAC1932 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 4
 2017-2019 Microchip Technology Inc.
TABLE 1-1:
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, maximum values are at TA = -40°C to +85°C,
VDD = 2.7V to 5.5V, VDD I/O= 1.62V to 5.5V, VBUS = 0V to 32V; typical values are at TA = +25°C
VDD = VDD I/O = 3.3V, VBUS = 32V, VSENSE = (SENSE+ – SENSE-) = 0V
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Power Supply
VDD Range
VDD
2.7
—
5.5
V
VDD I/O Range
VDD I/O
1.62
—
5.5
V
VDD Pin Active
Current
IDD
—
585
675
µA
1024 Samples/s
All IDD specifications are the same
for PAC1931/2/3/4
VDD Pin Active
Current
IDD SLOW
—
16
—
µA
4 channels enabled, 8 Samples/s
Minimum VDD Rise
Rate
VDD_RISE_MIN
—
0.05
—
V/ms 0 to 5V in 100 ms
Maximum VDD Rise
Rate
VDD_RISE
—
1000
—
V/ms 0 to 5V in 5 µs
VDD Sleep Current
IDD_SLEEP
—
5
—
µA
Sleep State
VDD Power-Down
Current
IDD_PWRDN
—
0.1
—
µA
Power-Down State
VDD I/O Current
IDD I/O
—
—
2
µA
All States
Analog Input Characteristics
VBUS Voltage Range
VBUS
–0.2V
—
32
V
Common-mode range for SENSE+
and SENSE- pins, referenced to
ground (negative range not tested
in production)
VSENSE Differential
Input Voltage Range
VSENSE_DIF
–100
—
100
mV
SENSE+, SENSE- Pin
Input Current
ISENSE +, ISENSE-
–7
0
7
µA
VSENSE+ = VSENSE- = 32V
(Input current is the combined
current for the two pins)
SENSE+, SENSE- Pin
Input current
ISENSE +, ISENSE-
–1
0
1
µA
VSENSE+ = 6V, VSENSE- = 5.9V
VBUS, VSENSE Input
Trace Resistance
(allowable trace
resistance without
measurement error)
RTRACE
—1
—
k
VSENSE Measurement Accuracy
VSENSE Gain
Accuracy
VSENSE_
GAIN_ERR
—±0.2
±1
±0.9
%
%
At +25°C
typical, -40 to +85°C
VSENSE Offset
Accuracy, referenced
to input
VBUS_
OFFSET_ERR
—
±0.012
±0.012
±0.1
mV
mV
At +25°C
typical, -40 to +85°C
VSENSE – Unidirectional Currents
VSENSE
ADC Resolution
VSENSE_RES
—
—
16
Bits
Straight Binary for unidirectional
currents
VSENSE
Full Scale Range
VSENSE_FSR
0
—
100
mV
Unidirectional currents
VSENSE LSB Step
Size
VSENSE_LSB
—
1.5
—
µV
Unidirectional currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com