Electronic Components Datasheet Search
  English  ▼

X  

PAC1932 Datasheet(PDF) 49 Page - Microchip Technology

Part # PAC1932
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PAC1932 Datasheet HTML 45Page - Microchip Technology PAC1932 Datasheet HTML 46Page - Microchip Technology PAC1932 Datasheet HTML 47Page - Microchip Technology PAC1932 Datasheet HTML 48Page - Microchip Technology PAC1932 Datasheet HTML 49Page - Microchip Technology PAC1932 Datasheet HTML 50Page - Microchip Technology PAC1932 Datasheet HTML 51Page - Microchip Technology PAC1932 Datasheet HTML 52Page - Microchip Technology PAC1932 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 49
PAC1931/2/3/4
bit 1
OVF ALERT: shows the value of these settings that was latched prior to the most recent REFRESH
command (including REFRESH_V and/or REFRESH_G) for the OVF_ALERT bit.
0 = No ALERT if accumulator or accumulator counter overflow has occurred
1 = ALERT pin triggered if accumulator or accumulator counter has overflowed
bit 0
OVF: shows the value of these settings that was latched prior to the most recent REFRESH command
(including REFRESH_V and/or REFRESH_G) for the OVF bit.
0 = No accumulator or accumulator counter overflow has occurred
1 = Accumulator or accumulator counter has overflowed
REGISTER 6-19:
CHANNEL DIS_LAT (ADDRESS 25H)
R-0
R-0
R-0
R-0
U
U
U
U
CH1_OFF
CH2_OFF
CH3_OFF
CH4_OFF
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of the Register 6-16 Channel DIS_ACT (Address 22h).The bits in this register reflect
the value of these settings that was active before the most recent REFRESH command (including REFRESH_V and/or
REFRESH_G). The values in register 1Ch may have been programmed but not activated by one of the REFRESH
commands, and the values in 22h are currently active. This register allows software to determine the actual active
setting that was active prior to the most recent REFRESH command and therefore corresponds to the dataset that is
held in the readable registers. This register is valid when the Results registers are valid, 1 ms after a REFRESH/_V/_G
command.
bit 7-4
CHn_OFF[7:4]: the value of these settings that was latched prior to the most recent REFRESH
command (including REFRESH_V and/or REFRESH_G).
bit 7
0 = CH1 ON. Channel 1 active during conversion cycle
1 = CH1 OFF. Channel 1 inactive during conversion cycle
bit 6
0 = CH2 ON. Channel 2 active during conversion cycle
1 = CH2 OFF. Channel 2 inactive during conversion cycle
bit 5
0 = CH3 ON. Channel 3 active during conversion cycle
1 = CH3 OFF. Channel 3 inactive during conversion cycle
bit 4
0 = CH4 ON. Channel 4 active during conversion cycle
1 = CH4 OFF. Channel 4 inactive during conversion cycle
bit 3-0
Not used, always read ‘0’
REGISTER 6-18:
CTRL_LAT REGISTER (ADDRESS 24H) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com