Electronic Components Datasheet Search
  English  ▼

X  

DS2176 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2176
Description  T1 Receive Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2176 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2176 Datasheet HTML 6Page - Maxim Integrated Products DS2176 Datasheet HTML 7Page - Maxim Integrated Products DS2176 Datasheet HTML 8Page - Maxim Integrated Products DS2176 Datasheet HTML 9Page - Maxim Integrated Products DS2176 Datasheet HTML 10Page - Maxim Integrated Products DS2176 Datasheet HTML 11Page - Maxim Integrated Products DS2176 Datasheet HTML 12Page - Maxim Integrated Products DS2176 Datasheet HTML 13Page - Maxim Integrated Products DS2176 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS2176
10 of 15
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
VDD+0.3
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
4.5
5.5
V
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VDD =5V ± 10%)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
5
10
mA
1,2
Input Leakage
IIL
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
3
Output Current @ 0.4V
IOL
+4.0
mA
4
Output Leakage
ILO
-1.0
+1.0
µA
5
NOTES:
1. TCLK=RCLK=1.544 MHz.
2. Outputs open.
3. All outputs except SLIP , which is open collector.
4. All outputs.
5. Applies to SLIP when tri–stated.
CAPACITANCE
(tA=25
°C)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
Cout
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com