Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152L Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button DS2152L Datasheet HTML 72Page - Maxim Integrated Products DS2152L Datasheet HTML 73Page - Maxim Integrated Products DS2152L Datasheet HTML 74Page - Maxim Integrated Products DS2152L Datasheet HTML 75Page - Maxim Integrated Products DS2152L Datasheet HTML 76Page - Maxim Integrated Products DS2152L Datasheet HTML 77Page - Maxim Integrated Products DS2152L Datasheet HTML 78Page - Maxim Integrated Products DS2152L Datasheet HTML 79Page - Maxim Integrated Products DS2152L Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
DS2152
76 of 97
15.1 Receive Clock and Data Recovery
The DS2152 contains a digital clock recovery system. See Figure 1-1 and Figure 15-1 for more details.
The DS2152 couples to the receive T1 twisted pair via a 1:1 transformer. See Table 15-2 for transformer
details. The 1.544MHz clock attached at the MCLK pin is internally multiplied by 16 via an internal PLL
and fed to the clock recovery system. The clock recovery system uses the clock from the PLL circuit to
form a 16 times oversampler which is used to recover the clock and data. This oversampling technique
offers outstanding jitter tolerance (see Figure 15-2).
Normally, the clock that is output at the RCLKO pin is the recovered clock from the T1 AMI/B8ZS
waveform presented at the RTIP and RRING inputs. When no AMI signal is present at RTIP and RRING,
a Receive Carrier Loss (LRCL) condition will occur and the RCLKO will be sourced from the clock
applied at the MCLK pin. If the jitter attenuator is either placed in the transmit path or is disabled, the
RCLKO output can exhibit slightly shorter high cycles of the clock. This is due to the highly over-
sampled digital clock recovery circuitry. If the jitter attenuator is placed in the receive path (as is the case
in most applications), the jitter attenuator restores the RCLK to being close to 50% duty cycle. See the
Receive AC Timing Characteristics in Section 18 for more details.
15.2 Transmit Waveshaping and Line Driving
The DS2152 uses a set of laser-trimmed delay lines along with a precision Digital-to-Analog Converter
(DAC) to create the waveforms that are transmitted onto the T1 line. The waveforms created by the
DS2152 meet the latest ANSI, AT&T, and ITU specifications. See Figure 15-3. The user will select
which waveform is to be generated by properly programming the L2/L1/L0 bits in the Line Interface
Control Register (LICR). The DS2152 can set up in a number of various configurations depending on the
application. See Table 15-1 and Figure 15-1.
Table 15-1. Line Build-Out Select in LICR
L2
L1
L0
LINE BUILD-OUT
APPLICATION
0
0
0
0 to 133ft/0dB
DSX-1/CSU
0
0
1
133ft to 266ft
DSX-1
0
1
0
266ft to 399ft
DSX-1
0
1
1
399ft to 533ft
DSX-1
1
0
0
533ft to 655ft
DSX-1
1
0
1
-7.5dB
CSU
1
1
0
-15dB
CSU
1
1
1
-22.5dB
CSU
Due to the nature of the design of the transmitter in the DS2152, very little jitter (less than 0.005UIP-P
broadband from 10Hz to 100kHz) is added to the jitter present on TCLKI. Also, the waveforms that they
create are independent of the duty cycle of TCLK. The transmitter in the DS2152 couples to the T1
transmit twisted pair via a 1:1.15 or 1:1.36 step-up transformer as shown in Figure 15-1. For the devices
to create the proper waveforms, this transformer used must meet the specifications listed in Table 15-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com