Electronic Components Datasheet Search
  English  ▼

X  

DS2152L Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152L Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button DS2152L Datasheet HTML 36Page - Maxim Integrated Products DS2152L Datasheet HTML 37Page - Maxim Integrated Products DS2152L Datasheet HTML 38Page - Maxim Integrated Products DS2152L Datasheet HTML 39Page - Maxim Integrated Products DS2152L Datasheet HTML 40Page - Maxim Integrated Products DS2152L Datasheet HTML 41Page - Maxim Integrated Products DS2152L Datasheet HTML 42Page - Maxim Integrated Products DS2152L Datasheet HTML 43Page - Maxim Integrated Products DS2152L Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
DS2152
40 of 97
6 ERROR COUNT REGISTERS
There are a set of three counters in the DS2152 that record bipolar violations, excessive 0s, errors in the
CRC6 codewords, framing bit errors, and number of multiframes that the device is out of receive
synchronization. Each of these three counters is automatically updated on either 1-second boundaries
(CCR3.2 = 0) or every 42ms (CCR3.2 = 1) as determined by the timer in Status Register 2 (SR2.5).
Hence, these registers contain performance data from either the previous second or the previous 42ms.
The user can use the interrupt from the 1-second timer to determine when to read these registers. The user
has a full second (or 42ms) to read the counters before the data is lost. All three counters will saturate at
their respective maximum counts and they will not rollover (note: only the Line Code Violation Count
Register has the potential to overflow but the bit error would have to exceed 10-2 before this would
occur).
6.1 Line Code Violation Count Register (LCVCR)
Line Code Violation Count Register 1 High (LCVCR1) is the most significant word and LCVCR2 is the
least significant word of a 16-bit counter that records code violations (CVs). CVs are defined as Bipolar
Violations (BPVs) or excessive 0s. See Table 6-1 for details of exactly what the LCVCRs count. If the
B8ZS mode is set for the receive side via CCR2.2, then B8ZS codewords are not counted. This counter is
always enabled; it is not disabled during receive loss of synchronization (RLOS = 1) conditions.
LCVCR1: LINE CODE VIOLATION COUNT REGISTER 1 (Address = 23 Hex)
LCVCR2: LINE CODE VIOLATION COUNT REGISTER 2 (Address = 24 Hex)
(MSB)
(LSB)
LCV15
LCV14
LCV13
LCV12
LCV11
LCV10
LCV9
LCV8
LCVCR1
LCV7
LCV6
LCV5
LCV4
LCV3
LCV2
LCV1
LCV0
LCVCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
LCV15
LCVCR1.7
MSB of the 16-bit code violation count.
LCV0
LCVCR2.0
LSB of the 16-bit code violation count.
Table 6-1. Line Code Violation Counting Arrangements
COUNT
EXCESSIVE 0S?
(RCR1.7)
B8ZS
ENABLED?
(CCR2.2)
WHAT IS COUNTED IN THE
LCVCRs
No
No
BPVs
Yes
No
BPVs + 16 consecutive 0s
No
Yes
BPVs (B8ZS codewords not counted)
Yes
Yes
BPVs + 8 consecutive 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com