Electronic Components Datasheet Search
  English  ▼

X  

DS56 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS56
Description  Dual Temperature Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS56 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS56 Datasheet HTML 1Page - Maxim Integrated Products DS56 Datasheet HTML 2Page - Maxim Integrated Products DS56 Datasheet HTML 3Page - Maxim Integrated Products DS56 Datasheet HTML 4Page - Maxim Integrated Products DS56 Datasheet HTML 5Page - Maxim Integrated Products DS56 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS56
3 of 6
102299
OVERVIEW
A block diagram of the DS56 is shown in Figure 1. The DS56 consists of three major components:
1. Precision bandgap voltage reference
2. Temperature sensor
3. Thermostat comparators
The DS56 incorporates an internal temperature sensor with a typical transfer function of (in mV with T
expressed in °C):
VTEMP (T) = 6.2 T + 395
The voltage associated with this transfer function is output on the VTEMP pin, which has a typical output
impedance of 1.5 k
Ω.
The DS56 has two independent temperature comparators, each with its own input (or trip point) and
output.
The comparison voltage (the VTEMP transfer function) is the same for both comparators.
Additionally, the hysteresis for both comparators is typically 5°C (31.0 mV).
The DS56 bandgap voltage reference is available on pin 1 to allow for a designer to set the trip point(s)
by resistively dividing the reference voltage. One possible scenario is illustrated in Figure 1. For optimum
performance, the VREF pin should be connected to a 50 µA load.
The comparator outputs are taken off-chip via open-drain FETs, thus requiring external pullups. The
thermostat transfer function is illustrated in Figure 2.
The supply range of the DS56 is 2.7V to 5.5V, allowing for applications ranging from industrial control
to battery-powered portable equipment.
THERMOSTAT OUTPUT TRANSFER FUNCTION Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com