Electronic Components Datasheet Search
  English  ▼

X  

DS56 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS56
Description  Dual Temperature Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS56 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS56 Datasheet HTML 1Page - Maxim Integrated Products DS56 Datasheet HTML 2Page - Maxim Integrated Products DS56 Datasheet HTML 3Page - Maxim Integrated Products DS56 Datasheet HTML 4Page - Maxim Integrated Products DS56 Datasheet HTML 5Page - Maxim Integrated Products DS56 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS56
5 of 6
102299
DC ELECTRICAL CHARACTERISTICS:
Bandgap Voltage Reference VREF
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
VREF Output
VREF
1.238
1.25
1.263
V
2.7V
≤V
DD
≤3.3V
±1.45
mV
Power Supply
Regulation
? VREF/
? VDD
30V
≤V
DD
≤5.5V
±0.2
mV/V
Load Regulation
? VREF/
? IL
+3.0µA
≤I
L
≤
+50µA
0.15
mV/µA
DC ELECTRICAL CHARACTERISTICS:
Trip Point Inputs VT1/VT2
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Input Bias Current
IBIAS
300
nA
Input Range
VTIN
0
(VDD
-1.0)
V
DC ELECTRICAL CHARACTERISTICS:
Thermostat Outputs TOUT1/TOUT2
(-40°C to +125°C; 2.7V
≤V
DD
≤5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Logic 1 Output
Leakage Current
IOUT1
VDD = 5.0V
1.0
µA
LOGICAL 0
Output Voltage
VOUT0
IOUT = +50 µA
0.4
V
NOTES:
1. All voltages are referenced to ground, unless otherwise specified.
2. Solder according to IPC standards.
3. Specified for VTEMP sourcing 1.0 µA (max) and VREF load current = 50 µA.
4. Includes error associated with internal temperature sensor, bandgap voltage VREF, and comparator
offset. External resistance tolerance and temperature coefficient not included in this spec.
5. Thermometer error (expressed in °C) is the difference between [VO(T) - 395]/6.20 and the DS56 case
temperature at VDD = 3.0V, thus taking into account sensor error, DC offset error, sensor amplifier
gain variations, and amplifier nonlinearity.
TYPICAL DS56 THERMOMETER ERROR Figure 3
TBD
TYPICAL DS56 VTEMP TRANSFER FUNCTION Figure 4
TBD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com