Electronic Components Datasheet Search
  English  ▼

X  

LM7130 Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM7130
Description  Low dropout micro power consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM7130 Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM7130 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7130 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7.双电源输出
VIN
V
VIN
VOUT
LM71XX
IN
VOUT
LM71XX
GND
C3
10uF
VOUT1
VOUT2
GND
C2
R1
C1=10uF
Iss
10uF
Common
Common
LM71xx Series LDO
Rev :
www.leiditech.com
8/12
01.06.2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com