Electronic Components Datasheet Search
  English  ▼

X  

LM7150 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM7150
Description  Low dropout micro power consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM7150 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM7150 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7150 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM71XX 系列(LM7150,输出电压+5.0V)
(除特殊注明以外:Ta=25℃)
项目
记号
条件
最小值
典型值
最大值
单位
测定
电路
输出电压
VOUT
VIN= 7V,IOUT=10mA
4.85
5.0
5.15
V
1
输出电流*1
IOUT
VIN= 7V
25
30
mA
1
输入输出压差*2
Vdrop
IOUT=1mA
20
60
mV
1
输入稳定度
△VOUT
△VIN·VOUT
6V≤VIN≤18V
IOUT=1mA
0.05
0.2
%/V
负载稳定度
△VOUT2
VIN=7V
1.0mA≤IOUT≤30mA
60
100
mV
输出电压温度系数
△VOUT
△Ta·VOUT
VIN=7V,IOUT=10mA
-40℃≤Ta≤85℃
±50
±100
ppm/℃
静态电流*3
ISS
VIN=18V 无负载
1.2
5
uA
2
输入电压
Vmax
--
18
V
1
输出短路电流*4
Ishort
Vout=0V
30
mA
3
1
IOUT:缓慢增加输出电流,当输出电压约等于 VOUT 的 98%时的输出电流值
2
VDROP=VIN1-(VOUT(E)×0.98V) VOUT(E):
VIN=VOUT+2V,IOUT=1 mA 时的输出电压值
VIN1:缓慢下降输出电压,当输出电压降为 VOUT(E)的 98%时的输入电压
Vmax:缓慢上升输入电压,当输出电压超出(VOUT(E)*0.98~VOUT(E)*1.02)的输入电压
3
ISS:VIN=18V 无负载时,图 2 中电流表的电流值
4
ISHORT:例如 LM7150,当 VDD=6V 时,图 3 中电流表的电流值
■ 测试电路:
1.
RL
图1
2.
图2
3.
图3
ISS
GND
VOUT
VIN
Ishort
GND
VOUT
VIN
VIN
VOUT
1uF
GND
1uF
LM71xx Series LDO
Rev :
www.leiditech.com
4/12
01.06.2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com