Electronic Components Datasheet Search
  English  ▼

X  

BIS00KW Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00KW
Description  LF (70/455 kHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00KW Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00KW Datasheet HTML 1Page - Balluff Korea Ltd. BIS00KW Datasheet HTML 2Page - Balluff Korea Ltd. BIS00KW Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LF (70/455 kHz)
BIS C-620-007-050-02-ST2
Order Code: BIS00KW
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281641
ETIM 6.0: EC002998
BIS00KW_0.28_2021-08-25
1 / 3
1) Head 1, 2) Head 2
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
EN 55011
Size 1, Cl. A
Principle of operation
Processor unit
Display/Operation
Code tag operating
LED yellow
Code tag present
LED yellow
System ready
Green LED
Electrical connection
Connection (COM 1)
X2 (RS485): Male, 9-pin
Connection (supply voltage IN)
X1 (power supply/digital input):
Male, 5-pin
Connection slots
Head 1: Male, 4-pin
Head 2: Male, 4-pin
Connector port 01, note type
for all C-3… with Female, 4-pin
Electrical data
Control input
1 (optocoupler isolated)
Control voltage active
4…40 V
Control voltage inactive
1.5…-40 V
Current consumption max. at 24 V DC 400 mA
Delay time typ.
5 ms
Input current max. at 24 V
11 mA
Operating voltage Ub
19.2...28.8 VDC
Residual ripple max.
10 %


Similar Part No. - BIS00KW

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00K1 BALLUFF-BIS00K1 Datasheet
115Kb / 2P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BIS00KR BALLUFF-BIS00KR Datasheet
110Kb / 2P
LF (125 kHz)
More results

Similar Description - BIS00KW

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00L4 BALLUFF-BIS00L4 Datasheet
175Kb / 3P
LF (70/455 kHz)
BAE0095 BALLUFF-BAE0095 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAE0096 BALLUFF-BAE0096 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BIS000K BALLUFF-BIS000K Datasheet
112Kb / 2P
LF (70/455 kHz)
BIS000M BALLUFF-BIS000M Datasheet
102Kb / 2P
LF (70/455 kHz)
BIS000N BALLUFF-BIS000N Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS00AZ BALLUFF-BIS00AZ Datasheet
142Kb / 3P
LF (70/455 kHz)
BIS00J4 BALLUFF-BIS00J4 Datasheet
108Kb / 2P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com