Electronic Components Datasheet Search
  English  ▼

X  

BIS00KW Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00KW
Description  LF (70/455 kHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00KW Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00KW Datasheet HTML 1Page - Balluff Korea Ltd. BIS00KW Datasheet HTML 2Page - Balluff Korea Ltd. BIS00KW Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF (70/455 kHz)
BIS C-620-007-050-02-ST2
Order Code: BIS00KW
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281641
ETIM 6.0: EC002998
BIS00KW_0.28_2021-08-25
2 / 3
Environmental conditions
Ambient temperature
0...60 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP65, with connector
Interface
Interface
RS422/RS485 galvanically
isolated
Material
Housing material
Aluminum, Die casting
Material
undefined
Mechanical data
Application weight
800.00 g
Dimension
100 x 60 x 160 mm
Remarks
Values are under rated conditions unless otherwise specified.
Accessories not included: For connecting to: X1 = BKS-S79-00 X2 = BKS-S84-00
When installing, the technical standards and regulations of the corresponding countries must be observed.
Termination resistor X4/4 + X4/3: open = passive, jumpered = active Shunt plug X4/1 must be inserted.
Connector Drawings
1) View towards connector
2) Male 5-pin/ Function
1) View towards connector
2) Serial interface RS485
3) Male 9-pin/ Function



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com