| Electronic Components Datasheet Search |
|
Z8F081ASH020SC Datasheet(PDF) 82 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F081ASH020SC Datasheet(HTML) 82 Page - Zilog, Inc. |
|
82 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Timers Z8 Encore! XP® F08xA Series Product Specification 64 1. Write to the Timer Control register to: – Disable the timer – Configure the timer for PWM mode. – Set the prescale value. – Set the initial logic level (High or Low) and PWM High/Low transition for the Timer Output alternate function. 2. Write to the Timer High and Low Byte registers to set the starting count value (typically 0001H). This only affects the first pass in PWM mode. After the first timer reset in PWM mode, counting always begins at the reset value of 0001H. 3. Write to the PWM High and Low Byte registers to set the PWM value. 4. Write to the Timer Reload High and Low Byte registers to set the Reload value (PWM period). The Reload value must be greater than the PWM value. 5. If appropriate, enable the timer interrupt and set the timer interrupt priority by writing to the relevant interrupt registers. 6. Configure the associated GPIO port pin for the Timer Output alternate function. 7. Write to the Timer Control register to enable the timer and initiate counting. The PWM period is represented by the following equation: If an initial starting value other than 0001H is loaded into the Timer High and Low Byte registers, use the ONE-SHOT mode equation to determine the first PWM time-out period. If TPOL is set to 0, the ratio of the PWM output High time to the total period is repre- sented by: If TPOL is set to 1, the ratio of the PWM output High time to the total period is repre- sented by: PWM Dual Output Mode In PWM DUAL OUTPUT mode, the timer outputs a Pulse-Width Modulated (PWM) out- put signal pair (basic PWM signal and its complement) through two GPIO Port pins. The timer input is the system clock. The timer first counts up to the 16-bit PWM match value PWM Period (s) Reload Value Prescale × System Clock Frequency (Hz) ---------------------------------------------------------------------------- = PWM Output High Time Ratio (%) Reload Value PWM Value – Reload Value ------------------------------------------------------------------------ 100 × = PWM Output High Time Ratio (%) PWM Value Reload Value ---------------------------------- 100 × = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |