Electronic Components Datasheet Search
  English  ▼

X  

Z8F081ASH020SC Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8F081ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F081ASH020SC Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8F081ASH020SC Datasheet HTML 9Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 10Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 11Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 12Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 13Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 14Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 15Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 16Page - Zilog, Inc. Z8F081ASH020SC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
List of Figures
Z8 Encore! XP® F08xA Series
Product Specification
xiii
Figure 25. Recommended 20 MHz Crystal Oscillator Configuration . . . . . . . . 166
Figure 26. Connecting the On-Chip Oscillator to an External RC Network . . . 167
Figure 27. Typical RC Oscillator Frequency as a Function of the External Capaci-
tance with a 45KOhm Resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Figure 28. Opcode Map Cell Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 187
Figure 29. First Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 189
Figure 30. Second Opcode Map after 1FH . . . . . . . . . . . . . . . . . . . . . . . . . . . 190
Figure 31. ICC Versus System Clock Frequency . . . . . . . . . . . . . . . . . . . . . . 193
Figure 32. Port Input Sample Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201
Figure 33. GPIO Port Output Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202
Figure 34. On-Chip Debugger Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Figure 35. UART Timing With CTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Figure 36. UART Timing Without CTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Figure 37. 20-Pin Plastic Dual Inline Package (PDIP) . . . . . . . . . . . . . . . . . . 206
Figure 38. 20-Pin Small Outline Integrated Circuit Package (SOIC) . . . . . . . . 207
Figure 39. 20-Pin Small Shrink Outline Package (SSOP) . . . . . . . . . . . . . . . . 208
Figure 40. 28-Pin Plastic Dual Inline Package (PDIP) . . . . . . . . . . . . . . . . . . 209
Figure 41. 28-Pin Small Outline Integrated Circuit Package (SOIC) . . . . . . . . 210
Figure 42. 28-Pin Small Shrink Outline Package (SSOP) . . . . . . . . . . . . . . . . 211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com