Electronic Components Datasheet Search
  English  ▼

X  

ASL5115SHN Datasheet(PDF) 23 Page - NXP Semiconductors

Part # ASL5115SHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5115SHN Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button ASL5115SHN Datasheet HTML 19Page - NXP Semiconductors ASL5115SHN Datasheet HTML 20Page - NXP Semiconductors ASL5115SHN Datasheet HTML 21Page - NXP Semiconductors ASL5115SHN Datasheet HTML 22Page - NXP Semiconductors ASL5115SHN Datasheet HTML 23Page - NXP Semiconductors ASL5115SHN Datasheet HTML 24Page - NXP Semiconductors ASL5115SHN Datasheet HTML 25Page - NXP Semiconductors ASL5115SHN Datasheet HTML 26Page - NXP Semiconductors ASL5115SHN Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
23 / 69
Table 11. CLEAR - CLEAR control register (address 34h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
POR
ILLEGAL _
COMMAND
MTP_LOCK
REG_ILLE
GAL_ACCESS
MTP_ILLE
GAL_ACCESS
MTP_ACC
ESS_STATUS
CLR_
OC
CLR_
SC
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 12. CLEAR - CLEAR control register (address 34h) bit description
Bit
Symbol
Description
7
POR
Power-on-reset (POR)
0 — A power-on-reset has happened due to any external interference or power
supply fail
1 — Set by the microcontroller during the MLC startup
The microcontroller can check this bit status to know if a POR has happened. If
so, the MLC must be programmed with the values of the desired registers again,
because after a POR, the MLC returns to the default values.
6
ILLEGAL _COMMAND
Illegal command
0 — The MLC received a valid command.
1 — The microcontroller sent a nonexisting command, a wrong message
configuration or a command that is restricted to a different part number.
The microcontroller writes a 1 in this location to clear the flag.
5
MTP_LOCK
MTP lock
0 — The MTP is available to be read/write.
1 — The user attempt to read / write in the MTP with a wrong key for 3
consecutive times. The MTP is not accessible by the micro.
4
REG_ILLEGAL_ACCESS
Register illegal access
0 — The selected register is accessible by the microcontroller.
1 — The microcontroller tries to write/read in an invalid register.
If the value of this bit is 0 after writing or reading a register, then the action was
performed in a valid register. The microcontroller writes a 1 in this location to
clear the flag. The flag is not stopping the communication.
3
MTP_ILLEGAL_ACCESS
MTP illegal access
0 — The register the microcontroller is trying to access is not restricted
1 — The microcontroller is trying to read/write in a restricted register.
The microcontroller should write a 1 in this location to clear the flag.
2
MTP_ACCESS_STATUS
MTP access status
0 — The MLC was not able to access the required MTP register
1 — The MLC succeeded accessing the required MTP register. The
microcontroller should write a 1 in this location to clear the flag
Note: If neither MTP_ACCESS_STATUS, MTP_ILLEGAL_STATUS or
ILLEGAL_COMMAND is set after MTP read/write request, the request is ignored
due to an internal MTP function. The microcontroller must repeat the action.
1
CLR_OC
Clear open-circuit detection
0 — Always 0 when the microcontroller reads it.
1 — Write a 1 in this location to clear all the OC flags and restart the channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com