Electronic Components Datasheet Search
  English  ▼

X  

ASL5115SHN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ASL5115SHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5115SHN Datasheet(HTML) 4 Page - NXP Semiconductors

  ASL5115SHN Datasheet HTML 1Page - NXP Semiconductors ASL5115SHN Datasheet HTML 2Page - NXP Semiconductors ASL5115SHN Datasheet HTML 3Page - NXP Semiconductors ASL5115SHN Datasheet HTML 4Page - NXP Semiconductors ASL5115SHN Datasheet HTML 5Page - NXP Semiconductors ASL5115SHN Datasheet HTML 6Page - NXP Semiconductors ASL5115SHN Datasheet HTML 7Page - NXP Semiconductors ASL5115SHN Datasheet HTML 8Page - NXP Semiconductors ASL5115SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
4 / 69
– Dynamic cornering lights
4 Orderable parts
Table 1. Orderable part variations
Package
Type number
Name
Description
Version
ASL5015SHN
HVQFN36
Smart internal PWM generator with prestored curves (Smart – 1.5 A) – CAN SOT1092-4
ASL5115SHN
HVQFN36
Direct PWM data for every channel (Direct – 1.5 A) – CAN
SOT1092-4
ASL5008SHN
HVQFN36
Smart internal PWM generator with prestored curves (Smart – 0.8 A) – CAN SOT1092-4
ASL5108SHN
HVQFN36
Direct PWM data for every channel (Direct – 0.8 A) – CAN
SOT1092-4
ASL5015FHN
HVQFN36
Smart internal PWM generator with prestored curves (Smart – 1.5 A) –
CAN-FD
SOT1092-4
ASL5115FHN
HVQFN36
Direct PWM data for every channel (Direct – 1.5 A) – CAN-FD
SOT1092-4
ASL5008FHN
HVQFN36
Smart internal PWM generator with prestored curves (Smart – 0.8 A) –
CAN-FD
SOT1092-4
ASL5108FHN
HVQFN36
Direct PWM data for every channel (Direct – 0.8 A) – CAN-FD
SOT1092-4
ASL5015SHV
HLQFP48
Smart internal PWM generator with prestored curves (Smart – 1.5 A) – CAN SOT1571-1
ASL5115SHV
HLQFP48
Direct PWM data for every channel (Direct – 1.5 A) – CAN
SOT1571-1
ASL5008SHV
HLQFP48
Smart internal PWM generator with prestored curves (Smart – 0.8 A) – CAN SOT1571-1
ASL5108SHV
HLQFP48
Direct PWM data for every channel (Direct – 0.8 A) – CAN
SOT1571-1
ASL5015FHV
HLQFP48
Smart internal PWM generator with prestored curves (Smart – 1.5 A) –
CAN-FD
SOT1571-1
ASL5115FHV
HLQFP48
Direct PWM data for every channel (Direct – 1.5 A) – CAN-FD
SOT1571-1
ASL5008FHV
HLQFP48
Smart internal PWM generator with prestored curves (Smart – 0.8 A) –
CAN-FD
SOT1571-1
ASL5108FHV
HLQFP48
Direct PWM data for every channel (Direct – 0.8 A) – CAN-FD
SOT1571-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com