Electronic Components Datasheet Search
  English  ▼

X  

ASL5015SHV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ASL5015SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015SHV Datasheet(HTML) 2 Page - NXP Semiconductors

  ASL5015SHV Datasheet HTML 1Page - NXP Semiconductors ASL5015SHV Datasheet HTML 2Page - NXP Semiconductors ASL5015SHV Datasheet HTML 3Page - NXP Semiconductors ASL5015SHV Datasheet HTML 4Page - NXP Semiconductors ASL5015SHV Datasheet HTML 5Page - NXP Semiconductors ASL5015SHV Datasheet HTML 6Page - NXP Semiconductors ASL5015SHV Datasheet HTML 7Page - NXP Semiconductors ASL5015SHV Datasheet HTML 8Page - NXP Semiconductors ASL5015SHV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
2 / 69
generation. All the internal clocks are synchronized with the internal oscillator and the
trimming is done via the CAN message (CAN-ID). This process allows for a very accurate
clock (accuracy < 0.25 %).
The MLC can be mounted close to the LEDs on an IMS PCB. Because the pinning
has been optimized to avoid any crossing tracks, a single-layer PCB can be used. The
ASL5xxxyHz family is available in automotive-qualified, thermally enhanced, 36-pin
HVQFN and 48-pin HLQFP packages.
The device is designed to meet the stringent requirements of automotive applications,
being fully AEC Q100 grade 1 and AEC Q006 qualified. It operates over the –40 °C to
+125 °C ambient temperature range.
The Matrix LED Controller (MLC) also offers the possibility to be driven in direct PWM
mode. In this mode, the microcontroller needs to update the PWM value in every channel
with a certain cycle, determined by the system specifications. These part numbers,
ASL5115yHz and ASL5108yHz, also offer 12-bit resolution to ensure a smooth dimming
performance to avoid glitches in the output light.
The MLC family also offers two different maximum currents per switch. Part numbers
ASL5008yHz and ASL5108yHz offer a maximum current per switch of 0.8 A. Part
numbers ASL5015yHz and ASL5115yHz offer a maximum current per switch of 1.5 A.
All part numbers are pin-to-pin compatible, which offers a completely scalable and
flexible system solution that can be adapted to any system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com