Electronic Components Datasheet Search
  English  ▼

X  

ASL5015SHV Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ASL5015SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015SHV Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ASL5015SHV Datasheet HTML 5Page - NXP Semiconductors ASL5015SHV Datasheet HTML 6Page - NXP Semiconductors ASL5015SHV Datasheet HTML 7Page - NXP Semiconductors ASL5015SHV Datasheet HTML 8Page - NXP Semiconductors ASL5015SHV Datasheet HTML 9Page - NXP Semiconductors ASL5015SHV Datasheet HTML 10Page - NXP Semiconductors ASL5015SHV Datasheet HTML 11Page - NXP Semiconductors ASL5015SHV Datasheet HTML 12Page - NXP Semiconductors ASL5015SHV Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
9 / 69
7.3 Pinning – HLQFP48 package
NC
NC
GND
ICP
TXD
NTC
RXD
GND
Transparent top view
VCC
ID
RXD
NC
TXD
A4
NC
A3
NC
A2
VMAX
A1
CP
A0
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
49 - EXP
aaa-029231
Figure 4. Pin configuration for LQFP48
7.4 Pin description – HLQFP48 package
Table 3. Pin description
Symbol
Pin
Description
NC
1
Not connected
GND
2
Ground
TXD
3
Bus data OUT
RXD
4
Bus data IN
VCC
5
External supply ±10 % (5 V)
RXD
6
Bus data IN
TXD
7
Bus data OUT
NC
8
Not connected (can be used for ground routing)
NC
9
Not connected
VMAX
10
Max. voltage reference for the charge pump
CP
11
External charge pump input
NC
12
Not connected
NC
13
Not connected
SW15
14
Drain of switch 12
SW14
15
Source of switch 12 and drain of switch 11
SW13
16
Source of switch 11 and drain of switch 10
SW12
17
Source of switch 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com