Electronic Components Datasheet Search
  English  ▼

X  

PVO402AP Datasheet(PDF) 4 Page - International Rectifier

Part # PVO402AP
Description  Single Pole, Normally Open Ring Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVO402AP Datasheet(HTML) 4 Page - International Rectifier

  PVO402AP Datasheet HTML 1Page - International Rectifier PVO402AP Datasheet HTML 2Page - International Rectifier PVO402AP Datasheet HTML 3Page - International Rectifier PVO402AP Datasheet HTML 4Page - International Rectifier PVO402AP Datasheet HTML 5Page - International Rectifier PVO402AP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PVO402AP
Ambient Temperature (deg. C)
-35
-15
5
254565
85105
100
30
10
3.0
1.0
0.3
0.1
Relay
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
Ambient Temperature (deg. C)
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
255075
100
125
5 mA Control
I D = 10 mA
Relay
2.0
3.0
4.0
5.0
1.0
-1.0
-2.0
-3.0
-4.0
-5.0
-50
-100
-150
-200
50
100
150
200
5 mA Control
@25
°C, pulsed
Relay’s Output Voltage Drop (Vdd)
16
20
12
8
4
0
0.5
1.0
1.5
2.0
0
LED Forward Voltage Drop (Volts DC)
Figure 5. Typical Normalized Off-State
Leakage
Figure 6. Input Characteristics
(Current Controlled)
CAUTION:Providecurrent
limitingsothat25mAmax.
steady-statecontrolcurrent
ratingisnotexceeded.
Relay and
Detector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com