Electronic Components Datasheet Search
  English  ▼

X  

PVO402AP Datasheet(PDF) 1 Page - International Rectifier

Part # PVO402AP
Description  Single Pole, Normally Open Ring Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVO402AP Datasheet(HTML) 1 Page - International Rectifier

  PVO402AP Datasheet HTML 1Page - International Rectifier PVO402AP Datasheet HTML 2Page - International Rectifier PVO402AP Datasheet HTML 3Page - International Rectifier PVO402AP Datasheet HTML 4Page - International Rectifier PVO402AP Datasheet HTML 5Page - International Rectifier PVO402AP Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD10045B
PVO402AP
Microelectronic Power IC
HEXFET® Power MOSFET Relay
Single Pole, Normally Open + Ring Detector
0-400V, 150mA AC/DC
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
General Description
The PVO402AP Photovoltaic Relay is a single
pole, normally open solid-state relay plus ring
detector. By integrating these two functions in
one package it can replace two discrete compo-
nents, i.e., a relay and an AC-input opto-coupler.
The relay portion of PVO402AP utilizes Interna-
tional Rectifier’s HEXFET power MOSFET as
the output switch, driven by an integrated circuit
photovoltaic generator of novel construction. The
output switch is controlled by radiation from a
GaAlAs light emitting diode (LED) which is opti-
cally isolated from the photovoltaic generator.
The ring detector portion of PVO402AP has two
LEDs in inverse parallel connection as the input
sensing element and a silicon NPN photo-tran-
sistor as the output switch.
PVO402AP is ideally suited for PCMCIA fax/mo-
dem cards. Its extremely low profile allows it to
be used in Type II cards whose outer shells are
only 5mm thick.
PVO402AP Relays are packaged in an 8-pin,
molded ‘Thin-Pak’ DIP package with ‘gull-wing’
surface mount terminals. It is available in plastic
shipping tubes or on tape-and-reel. Please refer
to Part Identification (opposite) for details.
Applications
s
s
s
s
s
On/Off Hook switch
s
s
s
s
s
Dial pulsing
s
s
s
s
s
Ringer injection
s
s
s
s
s
Ring detection
s
s
s
s
s
Loop current detection
Features
HEXFET Power MOSFET output s
s
s
s
s
Bounce-free operation s
s
s
s
s
3,750 VRMS I/O isolation s
s
s
s
s
Linear AC/DC operation s
s
s
s
s
Solid-State reliability s
s
s
s
s
BABT certified s
s
s
s
s
PVO402AP ‘Thin-Pak’
Part Identification
PVO402AP
SMT, plastic shipping tube
PVO402AP-T
SMT, tape and reel


Similar Part No. - PVO402AP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVO402 IRF-PVO402 Datasheet
281Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PVO402P IRF-PVO402P Datasheet
281Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
More results

Similar Description - PVO402AP

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
IXYS Corporation
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com