Electronic Components Datasheet Search
  English  ▼

X  

LM4401K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4401K
Description  Low Gate Charge N?묬hannel Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4401K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4401K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
1.4
1
6
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.6
0.2
0
Figure 1. On−Region Characteristics
0.4
1.2
2
1.2
2.4
1
0.6
0.2
0.8
0
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.1
0.4
1
0.3
0.2
0
Figure 3. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance vs. Drain Current and
Temperature
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.7
0.2
0.6
TJ = −55°C
TJ = 125°C
75
150
ID = 0.63 A
VGS = 4.5 V
and 2.5 V
4
25
°C
2
1.2 V
0
1.4
Figure 6. Capacitance Variation
1.4 V
1.6 V
1.8 V
10
8
VDS ≥ 10 V
0.4
VGS = 2 V
VGS = 4.5 V to 2.2 V
0.4
0.8
1.2
0.8
0.4
1.6
TJ = 125°C
1.2
0.8
VGS = 4.5 V
TJ = −55°C
TJ = 25°C
0.1
0.4
1
0.3
0.2
0
ID, DRAIN CURRENT (AMPS)
0.7
0.2
0.6
TJ = 125°C
01.4
0.4
1.2
0.8
VGS = 2.5 V
TJ = −55°C
TJ = 25°C
VGS = 0 V
10
0
80
60
40
20
0
DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
520
15
0.6
0.5
0.5
0.6
1.8
1.6
Rev :
www.leiditech.com
01.06.2015
3/5
LM4401k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com