Electronic Components Datasheet Search
  English  ▼

X  

LM4401K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4401K
Description  Low Gate Charge N?묬hannel Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4401K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4401K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4401K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Small Footprint (2 x 2 mm)
• Low Gate Charge N−Channel Device
• ESD Protected Gate
• Same Package as SC−70 (6 Leads)
• Pb−Free Packages are Available
Applications
• Load Power switching
• Li−Ion Battery Supplied Devices
• Cell Phones, Media Players, Digital Cameras, PDAs
• DC−DC Conversion
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Units
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain
Current
(Based on RqJA)
Steady
State
TA = 25°C
ID
0.63
A
TA = 85°C
0.46
Power Dissipation
(Based on RqJA)
Steady
State
TA = 25°C
PD
0.27
W
TA = 85°C
0.14
Continuous Drain
Current
(Based on RqJL)
Steady
State
TA = 25°C
ID
0.91
A
TA = 85°C
0.65
Power Dissipation
(Based on RqJL)
Steady
State
TA = 25°C
PD
0.55
W
TA = 85°C
0.29
Pulsed Drain Current
t
≤10 ms
IDM
±1.2
A
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
Continuous Source Current (Body Diode)
IS
0.63
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Typ
Max
Units
Junction−to−Ambient – Steady State
RqJA
400
460
°C/W
Junction−to−Lead (Drain) – Steady State
RqJL
194
226
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 oz Cu area = 0.9523 in sq.
MARKING DIAGRAM &
PIN ASSIGNMENT
V(BR)DSS
RDS(on) Typ
ID Max
8 V
0.22
W @ 4.5 V
0.32
W @ 2.5 V
0.51
W @ 1.8 V
0.775 A
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
TD M
G
G
1
6
1
TD
= Device Code
M
= Date Code
G
= Pb−Free Package
D1 G2 S2
S1 G1 D2
(Note: Microdot may be in either location)
Top View
SC−88 (SOT−363)
D1
G2
S2
S1
G1
6
5
4
1
2
3
D2
SC−88/SOT−363
CASE 419B
STYLE 28
LM4401k
Rev :
www.leiditech.com
01.06.2015
1/5


Similar Part No. - LM4401K

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LM440C PULSE-LM440C Datasheet
395Kb / 3P
UHF 406-512 MHz
LM440C PULSE-LM440C Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
More results

Similar Description - LM4401K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD5836NL ONSEMI-NTMD5836NL Datasheet
142Kb / 10P
Power MOSFET 40 V, Dual N?묬hannel, SOIC?? Optimized Gate Charge
March, 2011 ??Rev. 0
logo
Advanced Power Electron...
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
Low Gate Charge
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
Low Gate Charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
Low gate charge.
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
Low gate charge
logo
Shanghai Leiditech Elec...
NTJD4401N LEIDITECH-NTJD4401N Datasheet
731Kb / 5P
Low Gate Charge N?묬hannel Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com