Electronic Components Datasheet Search
  English  ▼

X  

MAX4295EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4295EEE
Description  Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4295EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4295EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Mono, 2W, Switch-Mode (Class D)
Audio Power Amplifier
______________________________________________________________________________________
11
Output Filter
An output filter is required to attenuate the PWM switch-
ing frequency. Without the filter, the ripple in the load
can substantially degrade efficiency and may cause
interference problems with other electronic equipment.
A Butterworth lowpass filter is chosen for its flat
passband and nice phase response, though other filter
implementations may also be used. Three examples
are presented below. The filter parameters for bal-
anced 2-pole (Figure 4b) and 4-pole (Figure 4d)
Butterworth filters are taken from Electronic Filter
Design Handbook by Arthur B. Williams, McGraw Hill,
Inc. These filter designs assume that the load is purely
resistive and load impedance is constant over frequen-
cy. Calculation of filter component values should
include the DC resistance of the inductors and take into
account the worst-case load scenario:
• Single Ended 2-Pole Filter (Figure 4a)
C = 1 / (
√2 ✕ RL ✕ ωo), L = √2 ✕ RL / ωo
where
ωo = 2 ✕ π ✕ fo (fo = filter cutoff frequency);
choosing fo = 30kHz and RL = 4
Ω, C = 0.937µF, L =
30µH.
A single-ended 2-pole filter uses the minimum number
of external components, but the load (speaker) sees
the large common-mode switching voltage, which can
increase power dissipation and cause EMI problems.
• Balanced 2-Pole (Figure 4b):
A balanced 2-pole filter does not have the common-
mode swing problem of the single-ended filter.
C = 2 / (
√2 ✕ RL ✕ ωo), L = (√2 ✕ RL)/(2 ✕ ωo); choosing
fo = 30kHz and RL = 4
Ω, C1a = C1b = 2.0µF, L1a =
L1b = 15µH.
A single capacitor connected across RL, with a value of
CL = 1/(
√2 ✕ RL ✕ ωo), can be used in place of C1a and
C1b. However, the configuration as shown gives an
improved rejection to common-mode signal compo-
nents of OUT+_ and OUT-_. If the single capacitor
scheme is used, additional capacitors (Ca and Cb) can
be added from each side of RL, providing a high-fre-
quency short to ground (Figure 4c). These capacitors
should be approximately 0.2 ✕ CL.
• Balanced 4-Pole Filter (Figure 4d)
A balanced 4-pole filter is more effective in suppress-
ing the switching frequency and its harmonics.
For the 4-pole Butterworth filter, the normalized values
are: L1N = 1.5307, L2N = 1.0824, C1N = 1.5772, C2N =
0.3827.
The actual inductance and capacitance values for fO =
30kHz and a bridge-tied load of RL = 4
Ω are given by:
L1 = (L1N ✕ RL ) / (2 ✕
ωo) = 16.24µH, L2 = (L2N ✕ RL) /
(2 ✕
ωo) = 11.5µH, C1 = C1N / (RL ✕ ωo) = 2.1µF, C2a =
C2b = (2 ✕ C2N) / (RL ✕
ωo) = 1.0µF.
OUT+
OUT-
L
C
RL
Figure 4a. Single-Ended 2-Pole Filter
OUT+
OUT-
L1
C1a
RL
L2
C1b
Figure 4b. Balanced 2-Pole Filter
OUT+
OUT-
L1
Ca
RL
L2
Cb
CL
Figure 4c. Alternate Balanced 2-Pole Filter
OUT+
OUT-
L2a
C2a
RL
L2b
C2b
L1b
L1a
C1
Figure 4d. Balanced 4-Pole Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com