Electronic Components Datasheet Search
  English  ▼

X  

MAX4295EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4295EEE
Description  Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4295EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4295EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Mono, 2W, Switch-Mode (Class D)
Audio Power Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = PVCC = +5V, SHDN = VCC, FS1 = GND, FS2 = VCC (fOSC = 250kHz), input amplifier gain = -1V/V, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
0 to 0.6
x VCC
V
RL = 8
Ω
0.4
VCC = +3V, fIN = 1kHz
RL = 4
Ω
0.7
RL = 8
Ω
1.2
Maximum Output Power
VCC = +5V, fIN = 1kHz
RL = 4
Ω
2
W
Total Harmonic Distortion Plus
Noise
RL = 4
Ω, fIN = 1kHz, PO = 1W, fOSC = 125kHz
0.4
%
Efficiency
MAX4295, RL = 4
Ω, fIN = 1kHz, PO = 2W
87
%
LOGIC INPUTS (SHDN, FS1, FS2)
Logic Input Current
VLOGIC = 0 to VCC
1
100
nA
Logic Input High Voltage
0.7
×
VCC
V
Logic Input Low Voltage
0.3
×
VCC
V
INPUT AMPLIFIER
Input Offset Voltage
±0.5
±4
mV
VOS Temp Coefficient
±5
µV/
°C
Input Bias Current
(Note 3)
±0.05
±25
nA
Input Noise-Voltage Density
f = 10kHz
32
nV/
√Hz
Input Capacitance
2.5
pF
Output Resistance
0.01
Ω
AOUT Disabled Mode Leakage
Current
SHDN = GND, VAOUT = 0 to VCC
±0.1
±1
µA
AOUT to GND
8
Short-Circuit Current
AOUT to VCC
65
mA
Large-Signal Voltage Gain
VOUT = 0.2V to 4.6V, RL(OPAMP) = 10k
Ω
78
115
dB
VCC - VOH
40
250
AOUT Voltage Swing
VDIFF
≥ 10mV,
RL(OPAMP) = 10k
Ω
VOL
40
100
mV
Gain-Bandwidth Product
1.25
MHz
Power-Supply Rejection
VCC = +2.7V to +5.5V
66
90
dB
Maximum Capacitive Load
No sustained oscillations
200
pF
Note 1: All devices are 100% production tested at TA = 25°C. All temperature limits are guaranteed by design.
Note 2: Supply Voltage Range guaranteed by PSRR of input amplifier, frequency, duty cycle, and H-bridge on-resistance.
Note 3: Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com