Electronic Components Datasheet Search
  English  ▼

X  

MAX4397SACTM Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX4397SACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397SACTM Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX4397SACTM Datasheet HTML 18Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 19Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 20Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 21Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 22Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 23Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 24Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 25Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
22
______________________________________________________________________________________
BIT
DESCRIPTION
7654
3210
COMMENTS
0
0
Low (< 2V), internal source (power-on default)
01
Medium (4.5V to 7V), external SCART source
with 16:9 aspect ratio
1
0
High impedance
Set VCR Function
Switching
11
High (> 9.5V), external SCART source with 4:3
aspect ratio
0
Normal operation, pulldown on VCR_R/C_OUT
is off (power-on default)
VCR_R/C_OUT ground
1
Ground, pulldown on VCR_R/C_OUT is on,
the output amplifier driving VCR_R/C_OUT
is turned off
Table 10. Register 09h: VCR Video Output Control
BIT
DESCRIPTION
765
43210
COMMENTS
0
Off (power-on default)
RF_CVBS_OUT
1On
0
Off (power-on default)
TVOUT_FS
1On
0
Off (power-on default)
TV_Y/CVBS_OUT
1On
0
Off (power-on default)
TV_B_OUT
1On
0
Off (power-on default)
TV_G_OUT
1On
0
Off (power-on default)
TV_R/C_OUT
1On
0
Off (power-on default)
VCR_R/C_OUT
1On
0
Off (power-on default)
VCR_Y/CVBS_OUT
1On
Table 11. Register 0Dh: Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com